Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40211DGQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40211DGQ
Descripción Electrónicos  4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40211DGQ Datasheet(HTML) 5 Page - Texas Instruments

  TPS40211DGQ Datasheet HTML 1Page - Texas Instruments TPS40211DGQ Datasheet HTML 2Page - Texas Instruments TPS40211DGQ Datasheet HTML 3Page - Texas Instruments TPS40211DGQ Datasheet HTML 4Page - Texas Instruments TPS40211DGQ Datasheet HTML 5Page - Texas Instruments TPS40211DGQ Datasheet HTML 6Page - Texas Instruments TPS40211DGQ Datasheet HTML 7Page - Texas Instruments TPS40211DGQ Datasheet HTML 8Page - Texas Instruments TPS40211DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TYPICAL CHARACTERISTICS
0
400
800
1200
100
200
600
100
R
T - Timing Resistance - kW
300
C
T(pF)
470
220
100
68
33
470 pF
220 pF
100pF
68 pF
33pF
200
400
600
500
800
1000
900
700
0
400
800
1200
0
200
600
1000
D - Duty Cycle
0.2
0.4
0.8
1.2
0.6
1.0
0
0.4
1.4
-40
0.2
1.2
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
0.8
0.6
1.0
52 V
4.5 V
12 V
12 V
4.5 V
52 V
V
VDD
0
6
-40
1
5
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
3
2
4
TPS40210, TPS40211
www.ti.com......................................................................................................................................................... SLUS772A – MARCH 2008 – REVISED APRIL 2008
FREQUENCY
SWITCHING FREQUENCY
vs
vs
TIMING RESISTANCE
DUTY CYCLE
Figure 1.
Figure 2.
QUIESCENT CURRENT
SHUTDOWN CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS40210 TPS40211


Número de pieza similar - TPS40211DGQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40211DGQ TI-TPS40211DGQ Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQ TI-TPS40211DGQ Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40211DGQ TI1-TPS40211DGQ Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40211DGQG4 TI1-TPS40211DGQG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40211DGQR TI-TPS40211DGQR Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
More results

Descripción similar - TPS40211DGQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com