Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LC128641-TFLNS3N Datasheet(Hoja de datos) 4 Page - List of Unclassifed Manufacturers

No. de Pieza. LC128641-TFLNS3N
Descripción  LCD Module Specification
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

 
 4 page
background image
LG128642-BMDWH6V
- 4 -
3. ELECTRICAL CHARACTERISTICS
3.1 DC Characteristics
(VDD=5.0V±10%, Ta=25)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
(Logic)
VDD
4.5
5.0
5.5
V
Supply Voltage
(LCD Driving)
VDD-VO
--
11.2
--
V
Input High Voltage
VIH
2.0
--
VDD
V
Input Low Voltage
VIL
0
--
0.8
V
Output High Voltage
VOH
IOH=-0.2mA
2.4
--
VDD
V
Output Low Voltage
VOL
IOL=1.6mA
0
--
0.4
V
Supply Current
(Logic)
IDD
VDD=5.0V
--
6.0
8.0
mA
3.2 Interface Timing Chart
(VDD=5.0V±10%, Ta=25)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
E Cycle
tC
1000
--
--
ns
E High Level Width
tWH
450
--
--
ns
E Low Level Width
tWL
450
--
--
ns
E Rise Time
tR
--
--
25
ns
E Fall Time
tF
--
--
25
ns
Address Set-Up Time
tASU
140
--
--
ns
Address Hold Time
tAH
10
--
--
ns
Data Set-Up Time
tDSU
200
--
--
ns
Data Delay Time
tD
--
--
320
ns
Data Hold Time(Write)
tDHW
10
--
--
ns
Data Hold Time(Read)
tDHR
10
--
--
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
VL-FS-MGLS12864T-20SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS12433P-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-54SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16119D-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-65SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
MTC-S16201XFGHSAYLCD MODULE SPECIFICATION FOR CUSTOMER APPROVAL 1 2 3 4 5 MoreList of Unclassifed Manufacturers
VL-FS-MDLS16163-04SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-73SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
OSD056TN52LCD MODULE SPECIFICATION 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl