Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LC128641-TRNGH3N Datasheet(Hoja de datos) 3 Page - List of Unclassifed Manufacturers

No. de Pieza. LC128641-TRNGH3N
Descripción  LCD Module Specification
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

 
 3 page
background image
LG128642-BMDWH6V
- 3 -
1.3 Terminal Functions
Pin No.
Symbol
Level
Function
1
VDD
+5V
Power supply for logic
2
VSS
0V
Ground
3
VO
-
Operating voltage for LCD (contrast adjusting)
4
DB0
H/L
Data bit0
5
DB1
H/L
Data bit1
6
DB2
H/L
Data bit2
7
DB3
H/L
Data bit3
8
DB4
H/L
Data bit4
9
DB5
H/L
Data bit5
10
DB6
H/L
Data bit6
11
DB7
H/L
Data bit7
12
/CS1
L
Chip selection for IC1, active
“L”
13
/CS2
L
Chip selection for IC2, active
“L”
14
/RST
L
Reset signal, active
“L”
15
R/W
H/L
Read/Write selection
H: Read operation
L: Write operation
16
RS
H/L
Register selection
H: Display data
L: Instruction code
17
E
H, H→L
Enable signal. Read data when E is
“H”, write
data at the falling edge of E
18
VOUT
-10V
Output voltage for LCD driving
19
LEDA
+5V
Power supply for LED backlight
20
LEDK
0V
Power supply for LED backlight
2. ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min.
Max.
Unit
Supply Voltage(Logic)
VDD-VSS
-0.3
7.0
V
Supply Voltage(LCD)
VDD-VO
-0.3
19.0
V
Input Voltage
VI
-0.3
VDD+0.3
V
Operating Temp.
Topr
-20
70
Storage Temp.
Tstg
-30
80




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
VL-FS-MGLS12864T-20SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS12433P-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-54SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16119D-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-65SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
MTC-S16201XFGHSAYLCD MODULE SPECIFICATION FOR CUSTOMER APPROVAL 1 2 3 4 5 MoreList of Unclassifed Manufacturers
VL-FS-MDLS16163-04SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-73SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
OSD056TN52LCD MODULE SPECIFICATION 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl