Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62260 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS62260
Descripción Electrónicos  2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62260 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62260_08 Datasheet HTML 3Page - Texas Instruments TPS62260_08 Datasheet HTML 4Page - Texas Instruments TPS62260_08 Datasheet HTML 5Page - Texas Instruments TPS62260_08 Datasheet HTML 6Page - Texas Instruments TPS62260_08 Datasheet HTML 7Page - Texas Instruments TPS62260_08 Datasheet HTML 8Page - Texas Instruments TPS62260_08 Datasheet HTML 9Page - Texas Instruments TPS62260_08 Datasheet HTML 10Page - Texas Instruments TPS62260_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
I − OutputCurrent − mA
O
0
10
20
30
40
90
100
1
10
100
1000
50
60
V =2.3V
I
V =2.3V
I
V =2.7V
I
V =3.6V
I
V =4.5V
I
V
=1.2V,
MODE=V ,
L =2 H,
MIPSA2520
C
=10 F0603
O
I
O
m
m
70
80
I − OutputCurrent − mA
O
0
10
20
30
40
90
100
0.01
0.1
100
1000
50
60
V =2.3V
I
V =2.7V
I
V =3.6V
I
V =4.5V
I
V
=1.2V,
MODE=GND,
L =2 H,
MIPSA2520
C
=10 F0603
O
O
m
m
70
80
10
1
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
PFMMode,VoltagePositioning
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
PWM
Mode
V
=2.3V
IN
V
=2.7V
V
=3V
V
=3.6V
V
=4.5V
IN
IN
IN
IN
T =25°C,
V
=1.8V,
MODE=GND,
L =2.2 H,
C
=10 F
A
OUT
O
m
m
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
PWM
Mode
V
=2.3V
IN
V
=2.7V
V
=3V
V
=3.6V
V
=4.5V
IN
IN
IN
IN
T =-40°C,
V
=1.8V,
MODE=GND,
L =2.2 H,
C
=10 F
A
OUT
O
m
m
PFMMode,VoltagePositioning
TPS62260, TPS62261
TPS62262, TPS62263
SLVS763B – JUNE 2007 – REVISED FEBRUARY 2008
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY (Power Save Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263


Número de pieza similar - TPS62260_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260DDC TI-TPS62260DDC Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260DDCR TI-TPS62260DDCR Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Descripción similar - TPS62260_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com