Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL5001IPE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL5001IPE4
Descripción Electrónicos  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL5001IPE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL5001IPE4 Datasheet HTML 6Page - Texas Instruments TL5001IPE4 Datasheet HTML 7Page - Texas Instruments TL5001IPE4 Datasheet HTML 8Page - Texas Instruments TL5001IPE4 Datasheet HTML 9Page - Texas Instruments TL5001IPE4 Datasheet HTML 10Page - Texas Instruments TL5001IPE4 Datasheet HTML 11Page - Texas Instruments TL5001IPE4 Datasheet HTML 12Page - Texas Instruments TL5001IPE4 Datasheet HTML 13Page - Texas Instruments TL5001IPE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084F – APRIL 1994 – REVISED JANUARY 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
fosc = 100 kHz (unless otherwise noted) (continued)
oscillator
PARAMETER
TEST CONDITIONS
TL5001Q,
TL5001M
TL5001AQ,
TL5001AM
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
Frequency
TA = MIN to MAX
Rt = 100 kΩ
100
100
kHz
Standard deviation of frequency
TA = MIN to MAX
2
2
kHz
Frequency change with voltage
TA = MIN to MAX
VCC = 3.6 V to 40 V
1
1
kHz
Frequency change with
TA = MIN to MAX
Q suffix
*– 6
3
*6
*– 6
3
*6
kHz
Frequency change with
temperature
TA = MIN to MAX
M suffix
*– 9
5
*9
*– 9
5
*9
kHz
Voltage at RT
TA = MIN to MAX
1
1
V
† All typical values are at TA = 25°C.
*Not production tested.
dead-time control
PARAMETER
TEST CONDITIONS
TL5001Q, TL5001M
TL5001AQ, TL5001AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Output (source)
current
TA = MIN to MAX
V(DT) = 1.5 V
0.9
× IRT‡
1.1
× IRT 0.9 × IRT‡
1.1
× IRT
µA
TA =25°C
Duty cycle = 0%
0.5
0.7
0.5
0.7
Input threshold
TA = 25°C
Duty cycle = 100%
1.3
1.5
1.3
1.5
V
voltage
TA = MIN to MAX
Duty cycle = 0%
0.4
0.7
0.4
0.7
V
TA = MIN to MAX
Duty cycle = 100%
1.3
1.7
1.3
1.7
† All typical values are at TA = 25°C.
‡ Output source current at RT
error amplifier
PARAMETER
TEST CONDITIONS
TL5001Q,
TL5001M
TL5001AQ,
TL5001AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Input bias current
TA = MIN to MAX
– 160
– 500
– 160
– 500
nA
Output
voltage
Positive
TA = MIN to MAX
1.5
2.3
1.5
2.3
V
Out ut
voltage
swing
Negative
TA = MIN to MAX
0.3
0.4
0.3
0.4
V
Open-loop voltage
amplification
TA = MIN to MAX
80
80
dB
Unity-gain bandwidth
TA = MIN to MAX
1.5
1.5
MHz
Output (sink) current
TA = MIN to MAX
VI(FB) = 1.2 V, COMP = 1 V
100
600
100
600
µA
Output (source) current
TA = MIN, 25°C
VI(FB) =0 8V COMP = 1 V
– 45
– 70
– 45
– 70
µA
Output (source) current
TA = MAX
VI(FB) = 0.8 V, COMP = 1 V
– 30
– 45
– 30
– 45
µA
† All typical values are at TA = 25°C.


Número de pieza similar - TL5001IPE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL5001IPE4 TI1-TL5001IPE4 Datasheet
1Mb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Descripción similar - TL5001IPE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com