Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LC128641-NFLNH3V Datasheet(Hoja de datos) 6 Page - List of Unclassifed Manufacturers

No. de Pieza. LC128641-NFLNH3V
Descripción  LCD Module Specification
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

 6 page
background image
LG128642-BMDWH6V
- 6 -
3.3 LED Backlight Characteristics (Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
2.9
3.1
3.3
V
Forward Current
If
Vf=3.1V
--
45
--
mA
Color
White
3.4 Power Supply
+5V
+5V
VR
20 k
VO
LEDK
LEDA
OUT
V
VSS
VDD
Note: 5V voltage for the LED backlight should be supplied to Pin19 (LEDA) and Pin20
(LEDK) terminal of the interface, it should not be supplied to the Anode/Cathode terminal
of the LED backlight directly.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
VL-FS-MGLS12864T-20SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS12433P-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-54SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MDLS16119D-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-65SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
MTC-S16201XFGHSAYLCD MODULE SPECIFICATION FOR CUSTOMER APPROVAL 1 2 3 4 5 MoreList of Unclassifed Manufacturers
VL-FS-MDLS16163-04SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
VL-FS-MGLS12864T-73SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
OSD056TN52LCD MODULE SPECIFICATION 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl