Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STG3699BVTR Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STG3699BVTR
Descripción Electrónicos  Low voltage 0.5max, quad SPDT switch with break-before-make feature
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699BVTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3699BVTR Datasheet HTML 4Page - STMicroelectronics STG3699BVTR Datasheet HTML 5Page - STMicroelectronics STG3699BVTR Datasheet HTML 6Page - STMicroelectronics STG3699BVTR Datasheet HTML 7Page - STMicroelectronics STG3699BVTR Datasheet HTML 8Page - STMicroelectronics STG3699BVTR Datasheet HTML 9Page - STMicroelectronics STG3699BVTR Datasheet HTML 10Page - STMicroelectronics STG3699BVTR Datasheet HTML 11Page - STMicroelectronics STG3699BVTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DC and AC parameters
STG3699B
8/18
tD
Break-
before- make
time delay
1.65 – 1.95
CL = 35 pF
RL = 50 Ω
VS = 1.5 V
53
ns
2.3–2.7
28
3.0–3.3
12
3.6–4.3
8
Q
Charge
injection
1.65 – 1.95
CL=100 pF
RL= 1 MΩ
VGEN = 0 V
RGEN = 0 Ω
42
pC
2.3–2.7
48
3.0–3.3
48
3.6–4.3
57
Table 8.
Analog switch characteristics
(CL = 5pF, RL =50 Ω, TA =25° C)
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
OIRR
Off Isolation
(1)
1.65 – 4.3
VS =1VRMS
f=100kHz
–71
dB
Xtalk
Crosstalk
1.65 – 4.3
VS =1 VRMS
f=100kHz
–72
dB
THD
Total
harmonic
distortion
2.3–4.3
RL = 600 Ω
VIN =2VPP
f=20 Hz to
20 kHz
0.03
%
BW
-3dB
Bandwidth
1.65 – 4.3
RL= 50 Ω
40
MHz
CIN
Control pin
input
capacitance
5
pF
CSn
Sn port
capacitance
3.3
f = 1 MHz
80
CD
D port
capacitance
when switch
is enabled
3.3
f = 1 MHz
170
1.
Off-isolation = 20 log10 (VD/VS), VD = output, VS = input to off switch
Table 7.
AC electrical characteristics (CL =35pF, RL =50 Ω, tr =tf ≤5 ns) (continued)
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max


Número de pieza similar - STG3699BVTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STG3699BVTR STMICROELECTRONICS-STG3699BVTR Datasheet
264Kb / 19P
   Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
More results

Descripción similar - STG3699BVTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
   LOW VOLTAGE 0.5??MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3690 STMICROELECTRONICS-STG3690_05 Datasheet
523Kb / 12P
   LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
   LOW VOLTAGE 0.5/0.8廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
   Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
   LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com