Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C256B-45B6TR Datasheet(PDF) 10 Page - STMicroelectronics |
|
M27C256B-45B6TR Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 16 page M27C256B 10/16 Table 11. Ordering Information Scheme Note: 1. High Speed, see AC Characteristics section for further information. For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de- vice, please contact the STMicroelectronics Sales Office nearest to you. Example: M27C256B -70 X C 1 TR Device Type M27 Supply Voltage C = 5V Device Function 256B = 256 Kbit (32Kb x 8) Speed -45 (1) = 45 ns -60 = 60 ns -70 = 70 ns -80 = 80 ns -90 = 90 ns -10 = 100 ns -12 = 120 ns -15 = 150 ns -20 = 200 ns -25 = 250 ns VCC Tolerance blank = ± 10% X = ± 5% Package F = FDIP28W B = PDIP28 C = PLCC32 N = TSOP28: 8 x 13.4 mm Temperature Range 1 = 0 to 70 °C 3 = –40 to 125 °C 6 = –40 to 85 °C Options X = Additional Burn-in TR = Tape & Reel Packing |
Número de pieza similar - M27C256B-45B6TR |
|
Descripción similar - M27C256B-45B6TR |