Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ACDA56-41SGWA-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

No. de Pieza. ACDA56-41SGWA-F01
Descripción  SURFACE MOUNT DISPLAY
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

ACDA56-41SGWA-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAH1399
REV NO: V.3
DATE: JUN/14/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1352000285
SURFACE MOUNT DISPLAY
Part Number: ACDA56-41SGWA-F01
Super Bright Green
Features
0.56INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
GRAY FACE,WHITE SEGMENT.
PACKAGE: 200PCS/ REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT
Description
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
3.The gap between the reflector and PCB shall not exceed 0.25mm.


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
ACDC04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA03-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC56-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACPSA04-41CGKWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA56-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACPSA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSC02-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACPSA04-41SEKWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSC03-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn