Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ACDA56-41SEKWA-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. ACDA56-41SEKWA-F01
Descripción  SURFACE MOUNT DISPLAY
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

ACDA56-41SEKWA-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAG0244
REV NO: V.6
DATE: JUN/14/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1352000338
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
ACDA56-41SEKWA-F01
Super Bright Orange (InGaAlP)
WHITE DIFFUSED
12000
50000
Common Anode, Rt.
Hand Decimal.
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Orange
610
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Orange
601
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Orange
29
nm
IF=20mA
C
Capacitance
Super Bright Orange
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Orange
2.1
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Orange
10
uA
VR=5V
Parameter
Super Bright Orange
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
195
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
ACDC04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA03-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA56-41SGWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDC56-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACPSA04-41CGKWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSA56-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACPSA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACSC02-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACPSA04-41SEKWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn