Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ACDA02-41SGWA-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

No. de pieza ACDA02-41SGWA-F01
Descripción Electrónicos  SURFACE MOUNT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACDA02-41SGWA-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  ACDA02-41SGWA-F01 Datasheet HTML 1Page - Kingbright Corporation ACDA02-41SGWA-F01 Datasheet HTML 2Page - Kingbright Corporation ACDA02-41SGWA-F01 Datasheet HTML 3Page - Kingbright Corporation ACDA02-41SGWA-F01 Datasheet HTML 4Page - Kingbright Corporation ACDA02-41SGWA-F01 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAG0216
REV NO: V.4
DATE: JUN/18/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1352000286
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
ACDA02-41SGWA-F01
Super Bright Green (GaP)
WHITE DIFFUSED
1900
10000
Common Anode, Rt.
Hand Decimal.
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Green
30
nm
IF=20mA
C
Capacitance
Super Bright Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Green
10
uA
VR=5V
Parameter
Super Bright Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4  5 


Datasheet Descarga

Go To PDF Page

Número de Pieza relacionado

No. de piezaDescripción ElectrónicosHtml ViewFabricante Electrónico
ACDC04-41PBWA SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACSA03-41PBWA SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACDA56-41SGWA-F01 SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACDA02-41SURKWA-F01 SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACDC56-41PBWA SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACSA04-41PBWA SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACDA56-41SEKWA-F01 SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACPSA04-41CGKWA SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACSA56-41PBWA SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation
ACDA56-41CGKWA-F01 SURFACE MOUNT DISPLAY 1  2  3  4  5  Kingbright Corporation

Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn