Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V436516R04VATG-75 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

No. de pieza V436516R04VATG-75
Descripción Electrónicos  3.3 VOLT 16M x 64 using 8M x 16 PC133 UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSEL [Mosel Vitelic, Corp]
Página de inicio  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436516R04VATG-75 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V436516R04VATG-75 Datasheet HTML 1Page - Mosel Vitelic, Corp V436516R04VATG-75 Datasheet HTML 2Page - Mosel Vitelic, Corp V436516R04VATG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V436516R04VATG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V436516R04VATG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V436516R04VATG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V436516R04VATG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V436516R04VATG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V436516R04VATG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSEL VITELIC
V436516R04VATG-75
5
V436516R04VATG-75 Rev. 1.3 January 2001
DC Characteristics
TA = 0°C to 70°C; VSS = 0 V; VDD, VDDQ = 3.3V ± 0.3V
31
Module Bank Density (Per Bank)
128 MByte
20
32
SDRAM Input Setup Time
1.5 ns
15
33
SDRAM Input Hold Time
0.8 ns
08
34
SDRAM Data Input Setup Time
1.5 ns
15
35
SDRAM Data Input Hold Time
0.8 ns
08
62-61
Superset Information (May be used in Future)
00
62
SPD Revision
Revision 1.2
12
63
Checksum for Bytes 0 - 62
F2
64
Manufacturer’s JEDEC ID Code
Mosel Vitelic
40
65-71
Manufacturer’s JEDEC ID Code (cont.)
00
72
Manufacturing Location
73-90
Module Part Number (ASCII)
V436516R04VATG-75
91-92
PCB Identification Code
93
Assembly Manufacturing Date (Year)
94
Assembly Manufacturing Date (Week)
95-98
Assembly Serial Number
99-125
Reserved
00
126
Intel Specification for Frequency
64
127
Reserved
00
128+
Unused Storage Location
00
Symbol
Parameter
Limit Values
Unit
Min.
Max.
VIH
Input High Voltage
2.0
VCC+0.3
V
VIL
Input Low Voltage
–0.5
0.8
V
VOH
Output High Voltage (IOUT = –2.0 mA)
2.4
V
VOL
Output Low Voltage (IOUT = 2.0 mA)
0.4
V
II(L)
Input Leakage Current, any input
(0 V < VIN < 3.6 V, all other inputs = 0V)
–40
40
µA
IO(L)
Output leakage current
(DQ is disabled, 0V < VOUT < VCC)
–40
40
µA
SPD-Table for PC133 modules: (Continued)
Byte Number
Function Described
SPD Entry Value
Hex Value
16Mx64


Número de pieza similar - V436516R04VATG-75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mosel Vitelic, Corp
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
More results

Descripción similar - V436516R04VATG-75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mosel Vitelic, Corp
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com