Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM10L-RGB-B8 Datasheet(PDF) 1 Page - OSRAM GmbH

No. de pieza LM10L-RGB-B8
Descripción Electrónicos  LINEARlight Colormix Flex
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LM10L-RGB-B8 Datasheet(HTML) 1 Page - OSRAM GmbH

  LM10L-RGB-B8 Datasheet HTML 1Page - OSRAM GmbH LM10L-RGB-B8 Datasheet HTML 2Page - OSRAM GmbH LM10L-RGB-B8 Datasheet HTML 3Page - OSRAM GmbH LM10L-RGB-B8 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM10L
LINEARlight Colormix Flex
Data Sheet
Picture for
Datasheet
is missing
!!!
Benefits
Flexible self-adhesive module for special
coloreffects and moods
Each LED contains red, green and blue
emitters: optimum colormixing
Applications
Dynamic color applications
Edge-lighting of transparent or diffused
materials
Path & contour marking
Technical Features
Maximum total power:
LM10L-RGB/RGB2: 55,2 / 50,5 W
Maximum total brightness:
LM10L-RGB/RGB2: 600/1285 lm
Smallest unit of 10 LEDs can be cut out at
regular intervals without damaging the rest of
the module
Size of printed circuit board (L x W x H):
4000 mm x 11,5 mm x 2,2 mm
Driven best by power supply OSRAM
OPTOTRONIC®: OT6, OT8, OT20, OT75/E
Integrated controll gear/ power supply
- OT EASY 60 driving one LM10L
- OT DALI 25
Digital controllgear: DALI/ DMX
- OT RGB DMX DIM
- DALI EASY + OTi DALI DIM
Analog controllgear with 1-10V interface:
- OT RGB DIM
- OT RGB Sequenzer
Color
Voltage
[V DC]*
Power
[W]*
Radiance
Angle [°]*
Wavelength [nm]
Color Temp [K]*
Lum. Flux
[lm]*
Current
[A]*
Product
Number of
LEDs
Technical Operating Data
red
24
12,1
120
625
385
0,5
LM10L-RGB2-B7 +
200
green
24
24,0
120
525
770
1
LM10L-RGB2-B7 +
200
blue
24
14,4
120
467
130
0,6
LM10L-RGB2-B7 +
200
red
24
12,1
120
625
385
0,5
LM10L-RGB2-B8 +
200
green
24
24,0
120
528
770
1
LM10L-RGB2-B8 +
200
blue
24
14,4
120
472
130
0,6
LM10L-RGB2-B8 +
200
red
24
12,0
120
617
213
0,5
LM10L-RGB-B7
200
green
24
24,0
120
525
336
1
LM10L-RGB-B7
200
blue
24
19,2
120
467
54
0,8
LM10L-RGB-B7
200
red
24
12,0
120
617
213
0,5
LM10L-RGB-B8
200
green
24
24,0
120
525
336
1
LM10L-RGB-B8
200
blue
24
19,2
120
472
54
0,8
LM10L-RGB-B8
200
Preliminary Data
+)
All Data are related to the entire module
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data. This product was not optimized for white light illumination.
*)
Page 1 of 4
LM10L - 15.09.2006


Número de pieza similar - LM10L-RGB-B8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Cynergy3 Co
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
   switch for turbulent liquids & confined spaces
logo
Texas Instruments
LM10 TI-LM10 Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
More results

Descripción similar - LM10L-RGB-B8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LR18CP OSRAM-LR18CP Datasheet
149Kb / 4P
   LINEARlight Colormix Power
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
GTL-OS-70080 GILWAY-GTL-OS-70080 Datasheet
561Kb / 4P
   Product Information Bulletin LINEARlight Colormix LED Module
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
   LINEARLIGHT FLEX ECO
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com