Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA10-21EWA Datasheet(PDF) 1 Page - Kingbright Corporation

No. de pieza SA10-21EWA
Descripción Electrónicos  25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA10-21EWA Datasheet(HTML) 1 Page - Kingbright Corporation

  SA10-21EWA Datasheet HTML 1Page - Kingbright Corporation SA10-21EWA Datasheet HTML 2Page - Kingbright Corporation SA10-21EWA Datasheet HTML 3Page - Kingbright Corporation SA10-21EWA Datasheet HTML 4Page - Kingbright Corporation SA10-21EWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAB5565
REV NO: V.9
DATE: MAY/24/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000158
25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC
DISPLAY
Part Number: SA10-21EWA
High Efficiency Red
Features
1.0 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
HIGH LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ± 0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Número de pieza similar - SA10-21EWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
SA10-21EWA KINGBRIGHT-SA10-21EWA Datasheet
162Kb / 3P
   Standard-Displays
More results

Descripción similar - SA10-21EWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
SC10-21YWA KINGBRIGHT-SC10-21YWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21SRWA KINGBRIGHT-SA10-21SRWA Datasheet
120Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21GWA KINGBRIGHT-SA10-21GWA Datasheet
214Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21SRWA KINGBRIGHT-SC10-21SRWA Datasheet
122Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21EWA KINGBRIGHT-SC10-21EWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SC10-21GWA KINGBRIGHT-SC10-21GWA Datasheet
215Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-21YWA KINGBRIGHT-SA10-21YWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR25C SUNLED-DMR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUR25C SUNLED-DUR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
DUG25C SUNLED-DUG25C Datasheet
203Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com