Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7807U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza ADS7807U
Descripción Electrónicos  Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7807U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7807U Datasheet HTML 1Page - Burr-Brown (TI) ADS7807U Datasheet HTML 2Page - Burr-Brown (TI) ADS7807U Datasheet HTML 3Page - Burr-Brown (TI) ADS7807U Datasheet HTML 4Page - Burr-Brown (TI) ADS7807U Datasheet HTML 5Page - Burr-Brown (TI) ADS7807U Datasheet HTML 6Page - Burr-Brown (TI) ADS7807U Datasheet HTML 7Page - Burr-Brown (TI) ADS7807U Datasheet HTML 8Page - Burr-Brown (TI) ADS7807U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ADS7807
5
SBAS022C
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, fS = 40kHz, VDIG = VANA = +5V, and using internal reference and fixed resistors (see Figure 7b), unless otherwise specified.
FREQUENCY SPECTRUM
(8192 Point FFT; f
IN = 1kHz, 0dB)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
5
10
15
20
Frequency (kHz)
FREQUENCY SPECTRUM
(8192 Point FFT; f
IN = 15kHz, 0dB)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
5
10
15
20
Frequency (kHz)
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY (f
IN = 0dB)
Input Signal Frequency (Hz)
100
1k
10k
100k
1M
100
80
90
70
60
50
40
30
20
10
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY AND INPUT AMPLITUDE
Input Signal Frequency (kHz)
02
46
8
10
12
14
16
18
20
100
80
90
70
60
50
40
30
20
10
0dB
–20dB
–60dB
SIGNAL-TO-(NOISE + DISTORTION) vs TEMPERATURE
(f
IN = 1kHz, 0dB; fS = 10kHz to 40kHz)
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
150
40kHz
100
95
90
85
80
75
30kHz
20kHz
10kHz
AC PARAMETERS vs TEMPERATURE
(f
IN = 1kHz, 0dB)
SFDR
THD
Temperature (
°C)
–75
–50
–25
0
25
50
75
100
125
150
110
105
100
95
90
85
80
–80
–85
–90
–95
–100
–105
–110
SNR
SINAD


Número de pieza similar - ADS7807U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7807U BURR-BROWN-ADS7807U Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807U BURR-BROWN-ADS7807U Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807U/1K BURR-BROWN-ADS7807U/1K Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807U/1KE4 BURR-BROWN-ADS7807U/1KE4 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807U/1KG4 BURR-BROWN-ADS7807U/1KG4 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Descripción similar - ADS7807U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com