Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC24-11EWA Datasheet(PDF) 1 Page - Kingbright Corporation

No. de pieza TC24-11EWA
Descripción Electrónicos  60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC24-11EWA Datasheet(HTML) 1 Page - Kingbright Corporation

  TC24-11EWA Datasheet HTML 1Page - Kingbright Corporation TC24-11EWA Datasheet HTML 2Page - Kingbright Corporation TC24-11EWA Datasheet HTML 3Page - Kingbright Corporation TC24-11EWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2474
REV NO: V.9
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000640
60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
Part Number: TC24-11EWA
High Efficiency Red
Features
2.4 INCH MATRIX HEIGHT.
DOT SIZE 5mm.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMPATIBLE WITH ASCII AND EBCDIC CODES.
STACKABLE HORIZONTALLY.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MULTICOLOR AVAILABLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE DOT.
RoHS COMPLIANT
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Número de pieza similar - TC24-11EWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
More results

Descripción similar - TC24-11EWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
TA24-11GWA KINGBRIGHT-TA24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBC24-11EGWA KINGBRIGHT-TBC24-11EGWA Datasheet
251Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
SA08-21GWA KINGBRIGHT-SA08-21GWA Datasheet
181Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBA24-22EGWA KINGBRIGHT-TBA24-22EGWA Datasheet
175Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBC24-22EGWA KINGBRIGHT-TBC24-22EGWA Datasheet
175Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TA24-11EWA KINGBRIGHT-TA24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBA24-11EGWA KINGBRIGHT-TBA24-11EGWA Datasheet
251Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11SRWA KINGBRIGHT-TC24-11SRWA Datasheet
149Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11YWA KINGBRIGHT-TC24-11YWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com