Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C512-10F6X Datasheet(PDF) 11 Page - STMicroelectronics |
|
M27C512-10F6X Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 22 page 11/22 M27C512 Table 7. Read Mode DC Characteristics Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Maximum DC voltage on Output is VCC +0.5V. Table 8. Read Mode AC Characteristics Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. 3. Speed obtained with High Speed AC measurement conditions. Symbol Parameter Test Condition (1) Min Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VCC ±10 µA ILO Output Leakage Current 0V ≤ VOUT ≤ VCC ±10 µA ICC Supply Current E = VIL, G = VIL, IOUT = 0mA, f = 5MHz 30 mA ICC1 Supply Current (Standby) TTL E = VIH 1mA ICC2 Supply Current (Standby) CMOS E > VCC – 0.2V 100 µA IPP Program Current VPP = VCC 10 µA VIL Input Low Voltage –0.3 0.8 V VIH (2) Input High Voltage 2 VCC + 1 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –1mA 3.6 V Output High Voltage CMOS IOH = –100µA VCC – 0.7V V Symbol Alt Parameter Test Condition (1) M27C512 Unit -45 (3) -60 -70 -80 MinMax MinMax MinMax Min Max tAVQV tACC Address Valid to Output Valid E = VIL, G = VIL 45 60 70 80 ns tELQV tCE Chip Enable Low to Output Valid G = VIL 45 60 70 80 ns tGLQV tOE Output Enable Low to Output Valid E = VIL 25 30 35 40 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G = VIL 0250 25 030030 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E = VIL 0250 25 030030 ns tAXQX tOH Address Transition to Output Transition E = VIL, G = VIL 0 000 ns |
Número de pieza similar - M27C512-10F6X |
|
Descripción similar - M27C512-10F6X |