Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PDC54-11YWA Datasheet(PDF) 4 Page - Kingbright Corporation

No. de pieza PDC54-11YWA
Descripción Electrónicos  13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PDC54-11YWA Datasheet(HTML) 4 Page - Kingbright Corporation

  PDC54-11YWA Datasheet HTML 1Page - Kingbright Corporation PDC54-11YWA Datasheet HTML 2Page - Kingbright Corporation PDC54-11YWA Datasheet HTML 3Page - Kingbright Corporation PDC54-11YWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAB7107
REV NO: V.8
DATE: NOV/01/2006
PAGE: 4 OF 4
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: S.J.LIU
ERP: 1312000031
PACKING & LABEL SPECIFICATIONS
PDC54-11YWA


Número de pieza similar - PDC54-11YWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
PDC54-11EWA KINGBRIGHT-PDC54-11EWA Datasheet
134Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-11GWA KINGBRIGHT-PDC54-11GWA Datasheet
141Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-11SRWA KINGBRIGHT-PDC54-11SRWA Datasheet
135Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results

Descripción similar - PDC54-11YWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
PDA54-11YWA KINGBRIGHT-PDA54-11YWA Datasheet
135Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-11GWA KINGBRIGHT-PDC54-11GWA Datasheet
141Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-11GWA KINGBRIGHT-PDA54-11GWA Datasheet
135Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-11SRWA KINGBRIGHT-PDA54-11SRWA Datasheet
129Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-11SRWA KINGBRIGHT-PDC54-11SRWA Datasheet
135Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDC54-11EWA KINGBRIGHT-PDC54-11EWA Datasheet
134Kb / 4P
   13.8mm (0.543INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
logo
SunLED Corporation
AUR14C2 SUNLED-AUR14C2 Datasheet
201Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUG14A2-A SUNLED-AUG14A2-A Datasheet
202Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUR14A2-A SUNLED-AUR14A2-A Datasheet
201Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUG14A2 SUNLED-AUG14A2 Datasheet
198Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com