Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4060E Datasheet(PDF) 5 Page - Texas Instruments |
|
|
CD74HC4060E Datasheet(HTML) 5 Page - Texas Instruments |
5 / 18 page 5 Low-Level Output Voltage φO Output (Pin 10) TTL Loads VOL VCC or GND 2.6 4.5 - - 0.26 - 0.33 - 0.4 V High-Level Output Voltage φO Output (Pin 9) TTL Loads VOH VIL or VIH -3.2 4.5 3.98 - - 3.84 - 3.7 - V Low-Level Output Voltage φO Output (Pin 9) TTL Loads VOL VIH or VIL (Note 3) 3.2 4.5 - 0.26 - 0.33 - 0.4 V Input Leakage Current II Any Voltage Between VCC and GND - 5.5 - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 4) VCC - 2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTES: 2. Limits not valid when pin 12 (instead of pin 11) is used as control input. 3. For pin 11 VIH = 3.15V, VIL = 0.9V. 4. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS MR 0.35 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Specifica- tions Table, e.g. 360 µA max at 25oC. Prerequisite for Switching Specifications PARAMETER SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX HC TYPES Maximum Input Pulse Frequency fmax 2 6 - - 5 - - 4 - - MHz 4.5 30 - - 25 - - 20 - - MHz 6 35 - - 29 - - 23 - - MHz Input Pulse Width tW 2 80 - - 100 - - 120 - - ns 4.5 16 - - 20 - - 24 - - ns 614 - - 17 - - 20 - - ns Reset Removal Time tREM 2 100 - - 125 - - 150 - - ns 4.5 20 - - 25 - - 30 - - ns 617 - - 21 - - 26 - - ns CD54/74HC4060, CD54/74HCT4060 |
Número de pieza similar - CD74HC4060E |
|
Descripción similar - CD74HC4060E |