Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4060MT Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CD74HC4060MT Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page 6 Reset Pulse Width tW 2 80 - - 100 - - 120 - - ns 4.5 16 - - 20 - - 24 - - ns 614 - - 17 - - 20 - - ns HCT TYPES Maximum Input, Pulse Frequency fmax 4.5 30 - - 25 - - 20 - - MHz Input Pulse Width tW 4.5 16 - - 20 - - 24 - - ns Reset Removal Time tREM 4.5 26 - - 33 - - 39 - - ns Reset Pulse Width tW 4.5 25 - - 31 - - 38 - - ns Prerequisite for Switching Specifications (Continued) PARAMETER SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Propagation Delay tPLH, tPHL CL = 50pF 2 - - 300 - 375 - 450 ns φI to Q4 4.5 - - 60 - 75 - 90 ns CL = 15pF 5 - 25 - - - - - ns CL = 50pF 6 - - 51 - 64 - 78 ns Qn to Qn+1 tPLH, tPHL CL = 50pF 2 - - 80 - 100 - 120 ns 4.5 - - 16 - 20 - 24 ns CL = 15pF 5 - 6 - - - - - ns CL = 50pF 6 - - 14 - 17 - 20 ns MR to Qn tPHL CL = 50pF 2 - - 175 - 220 - 265 ns 4.5 - - 35 - 44 - 53 ns CL = 15pF 5 - 14 - - - - - ns CL = 50pF 6 - - 30 - 37 - 45 ns Output Transition Time tTHL, tTLH CL = 50pF 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Input Capacitance CI (TBD) Propagation Dissipation Capacitance (Notes 5, 6) CPD -- - 40 - - - - - pF HCT TYPES Propagation Delay tPLH, tPHL CL = 50pF 2 - - - - - - - -ns φI to Q4 4.5 - - 66 - 83 - 100 ns CL = 15pF 5 - 25 - - - - - -ns CL = 50pF 6 - - - - - - - -ns CD54/74HC4060, CD54/74HCT4060 |
Número de pieza similar - CD74HC4060MT |
|
Descripción similar - CD74HC4060MT |