Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4060M96 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
CD74HC4060M96 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 18 page 4 High-Level Output Voltage φO Output (Pin 10) TTL Loads (Note 2) VOH VCC or GND -2.6 4.5 3.98 - - 3.84 - 3.7 - V -3.3 6 5.48 - - 5.34 - 5.2 - V Low-Level Output Voltage φO Output (Pin 10) CMOS Loads VOL VCC or GND 0.02 2 - - 0.1 - 0.1 - 0.1 V 0.02 4.5 - - 0.1 - 0.1 - 0.1 V 0.02 6 - - 0.1 - 0.1 - 0.1 V Low-Level Output Voltage φO Output (Pin 10) TTL Loads VOL VCC or GND 2.6 4.5 - - 0.26 - 0.33 - 0.4 V 3.3 6 - - 0.26 - 0.33 - 0.4 V High-Level Output Voltage φO Output (Pin 9) TTL Loads VOH VIL or VIH -3.2 4.5 3.98 - - 3.84 - 3.7 - V -4.2 6 5.48 - - 5.34 - 5.2 - V Low-Level Output Voltage φO Output (Pin 9) TTL Loads VOL VIL or VIH -2.6 4.5 - - 0.26 - 0.33 - 0.4 V -3.3 6 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC or GND -6 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 6 - - 8 - 80 - 160 µA HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage Q Outputs CMOS Loads VOH VIH or VIL (Note 3) -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage Q Outputs TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage Q Outputs CMOS Loads VOL VIH or VIL (Note 3) 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage Q Outputs TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V High-Level Output Voltage φO Output (Pin 10) CMOS Loads VOH VCC or GND -0.02 4.5 4.4 - - 4.4 - 4.4 - V High-Level Output Voltage φO Output (Pin 10) TTL Loads (Note 2) VOH VCC or GND -2.6 4.5 3.98 - - 3.84 - 3.7 - V Low-Level Output Voltage φO Output (Pin 10) CMOS Loads VOL VCC or GND 0.02 4.5 - - 0.1 - 0.1 - 0.1 V DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX CD54/74HC4060, CD54/74HCT4060 |
Número de pieza similar - CD74HC4060M96 |
|
Descripción similar - CD74HC4060M96 |