Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL001-250 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADXL001-250
Descripción Electrónicos  High Performance Wide Bandwidth Accelerometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL001-250 Datasheet(HTML) 5 Page - Analog Devices

  ADXL001-250 Datasheet HTML 1Page - Analog Devices ADXL001-250 Datasheet HTML 2Page - Analog Devices ADXL001-250 Datasheet HTML 3Page - Analog Devices ADXL001-250 Datasheet HTML 4Page - Analog Devices ADXL001-250 Datasheet HTML 5Page - Analog Devices ADXL001-250 Datasheet HTML 6Page - Analog Devices ADXL001-250 Datasheet HTML 7Page - Analog Devices ADXL001-250 Datasheet HTML 8Page - Analog Devices ADXL001-250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary Technical Data
ADXL001
This information applies to an ongoing development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing. Patents pending.
Rev. PrA | Page 5 of 10
ABSOLUTE MAXIMUM RATINGS
Table 3. Absolute Maximum Ratings
Parameter
*
Rating
Acceleration
(Any Axis, Unpowered and Powered)
4000 g
Supply Voltage Vs
-0.3 to 7.0V
Output Short Circuit Duration
(Vout, to Ground)
Indefinite
Storage Temperature
-65°C to 150°C
Soldering Temperature Range
(Soldering 10 sec)
245°C
Operating Temperature Range
-55°C to 125°C
*Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Drops onto hard surfaces can cause shocks of greater than
4000 g and can exceed the absolute maximum rating of the
device. Exercise care during handling to avoid damage.
ESD CAUTION


Número de pieza similar - ADXL001-250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL001-250BEZ AD-ADXL001-250BEZ Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL001-250BEZ-R7 AD-ADXL001-250BEZ-R7 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
More results

Descripción similar - ADXL001-250

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
   WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com