Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C512-25XB6X Datasheet(PDF) 6 Page - STMicroelectronics |
|
M27C512-25XB6X Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 22 page M27C512 6/22 DEVICE OPERATION The modes of operations of the M27C512 are list- ed in the Operating Modes table. A single power supply is required in the read mode. All inputs are TTL levels except for GVPP and 12V on A9 for Electronic Signature. Read Mode The M27C512 has two control functions, both of which must be logically active in order to obtain data at the outputs. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins, indepen- dent of device selection. Assuming that the ad- dresses are stable, the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is available at the output after a delay of tGLQV from the falling edge of G, assuming that E has been low and the addresses have been sta- ble for at least tAVQV-tGLQV. Standby Mode The M27C512 has a standby mode which reduces the active current from 30mA to 100µA The M27C512 is placed in the standby mode by apply- ing a CMOS high signal to the E input. When in the standby mode, the outputs are in a high imped- ance state, independent of the GVPP input. Table 2. Operating Modes Note: X = VIH or VIL, VID = 12V ± 0.5V. Table 3. Electronic Signature Two Line Output Control Because EPROMs are usually used in larger memory arrays, the product features a 2 line con- trol function which accommodates the use of mul- tiple memory connection. The two line control function allows: a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur. For the most efficient use of these two control lines, E should be decoded and used as the prima- ry device selecting function, while G should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselect- ed memory devices are in their low power standby mode and that the output pins are only active when data is required from a particular memory device. System Considerations The power switching characteristics of Advanced CMOS EPROMs require careful decoupling of the devices. The supply current, ICC, has three seg- ments that are of interest to the system designer: the standby current level, the active current level, and transient current peaks that are produced by the falling and rising edges of E. The magnitude of the transient current peaks is dependent on the capacitive and inductive loading of the device at the output. The associated transient voltage peaks can be suppressed by complying with the two line output control and by properly selected decoupling capacitors. It is recommended that a 0.1µF ceram- ic capacitor be used on every device between VCC and VSS. This should be a high frequency capaci- tor of low inherent inductance and should be placed as close to the device as possible. In addi- Mode E GVPP A9 Q7-Q0 Read VIL VIL X Data Out Output Disable VIL VIH XHi-Z Program VIL Pulse VPP XData In Program Inhibit VIH VPP XHi-Z Standby VIH XX Hi-Z Electronic Signature VIL VIL VID Codes Identifier A0 Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 Hex Data Manufacturer’s Code VIL 00100000 20h Device Code VIH 00111101 3Dh |
Número de pieza similar - M27C512-25XB6X |
|
Descripción similar - M27C512-25XB6X |