Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40200-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40200-EP
Descripción Electrónicos  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40200-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40200-EP Datasheet HTML 4Page - Texas Instruments TPS40200-EP Datasheet HTML 5Page - Texas Instruments TPS40200-EP Datasheet HTML 6Page - Texas Instruments TPS40200-EP Datasheet HTML 7Page - Texas Instruments TPS40200-EP Datasheet HTML 8Page - Texas Instruments TPS40200-EP Datasheet HTML 9Page - Texas Instruments TPS40200-EP Datasheet HTML 10Page - Texas Instruments TPS40200-EP Datasheet HTML 11Page - Texas Instruments TPS40200-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
www.ti.com
-50
-25
0
25
50
75
100
125
Temperature-°C
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
Temperature-°C
0
0.5
1
1.5
2
2.5
3
3.5
7
7.2
7.4
7.6
7.8
8
8.2
8.4
5
10
15
20
25
30
35
40
45
50
55
V
-V
DD
V =25°C
J
-50
-25
0
25
50
75
100
125
Temperature-°C
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
V
=12
DD
V
700
702
704
706
708
710
712
714
716
718
720
-50
-25
0
25
50
75
100
125
Temperature-°C
V
=50V
DD
V
=24
DD
V
700
702
704
706
708
710
712
714
716
718
720
-50
-25
0
25
50
75
100
125
Temperature-°C
V
=4
DD
.5V
V
=12V
DD
TPS40200-EP
SGLS371 – JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
COMP SOURCE CURRENT
vs
TEMPERATURE
COMP SINK CURRENT vs TEMPERATURE
Figure 17.
Figure 18.
GATE DRIVE VOLTAGE vs TEMPERATURE
GATE DRIVE VOLTAGE vs VIN
Figure 19.
Figure 20.
REFERENCE VOLTAGE vs TEMPERATURE
REFERENCE VOLTAGE vs TEMPERATURE
Figure 21.
Figure 22.
8
Submit Documentation Feedback


Número de pieza similar - TPS40200-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI1-TPS40200-EP Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Descripción similar - TPS40200-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com