Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG824 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG824
Descripción Electrónicos  0.5CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG824 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG824 Datasheet HTML 3Page - Analog Devices ADG824 Datasheet HTML 4Page - Analog Devices ADG824 Datasheet HTML 5Page - Analog Devices ADG824 Datasheet HTML 6Page - Analog Devices ADG824 Datasheet HTML 7Page - Analog Devices ADG824 Datasheet HTML 8Page - Analog Devices ADG824 Datasheet HTML 9Page - Analog Devices ADG824 Datasheet HTML 10Page - Analog Devices ADG824 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG824
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
S2B
D1
S1B
D2
ADG824
TOP VIEW
(Not to Scale)
2
3
8
7
PIN 1
INDICATOR
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
S1A
Source Terminal. This pin can be an input or an output.
2
D1
Drain Terminal. This pin can be an input or an output.
3
S1B
Source Terminal. This pin can be an input or an output.
4
IN1
Logic Control Input. This pin controls Switch S1A and Switch S1B to D1.
5
IN2
Logic Control Input. This pin controls Switch S2A and Switch S2B to D2.
6
VDD
Most Positive Power Supply Potential.
7
S2B
Source Terminal. This pin can be an input or an output.
8
D2
Drain Terminal. This pin can be an input or an output.
9
S2A
Source Terminal. This pin can be an input or an output.
10
GND
Ground (0 V) Reference.
Table 6. ADG824 Truth Table
Logic (IN1/IN2)
Switch A (S1A or S2A)
Switch B (S1B or S2B)
0
Off
On
1
On
Off


Número de pieza similar - ADG824

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG820 AD-ADG820 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRM AD-ADG820BRM Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRM AD-ADG820BRM Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Descripción similar - ADG824

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com