Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG824BCPZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADG824BCPZ-REEL7
Descripción Electrónicos  0.5CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG824BCPZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADG824BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG824BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.5 Ω CMOS 1.65 V to 3.6 V Dual
SPDT/2:1 Mux in Mini LFCSP Package
ADG824
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
0.5 Ω typical on resistance
0.7 Ω maximum on resistance at 85°C
1.65 V to 3.6 V operation
High current carrying capability: 300 mA continuous
Rail-to-rail switching operation
Fast switching times <20 ns
Typical power consumption (<0.1 μW)
1.3 mm × 1.6 mm mini LFCSP package
APPLICATIONS
Cellular phones
PDAs
MP3 players
Power routing
Battery-powered systems
PCMCIA cards
Modems
Audio and video signal routing
Communication systems
FUNCTIONAL BLOCK DIAGRAM
S1A
S1B
S2A
S2B
IN2
ADG824
D1
D2
SWITCHES SHOWN FOR A LOGIC 1 INPUT
IN1
Figure 1.
GENERAL DESCRIPTION
The ADG824 is a low voltage CMOS device containing two
independently selectable single-pole, double throw (SPDT)
switches. This device offers ultralow on resistance of less than
0.7 Ω over the full temperature range. The ADG824 is fully
specified for 3.3 V, 2.5 V, and 1.8 V supply operation.
Each switch conducts equally well in both directions when on,
and has an input signal range that extends to the supplies. The
ADG824 exhibits break-before-make switching action.
The low on resistance of the ADG824 makes this device ideal
for audio switching. In addition, a data rate of 180 Mbps makes
the device suitable for USB low speed (1.5 Mbps) and full speed
(12 Mbps) data switching.
The ADG824 is available in a 1.3 mm × 1.6 mm, 10-lead mini
LFCSP package.
PRODUCT HIGHLIGHTS
1.
<0.7 Ω over the full temperature range of –40°C to +85°C.
2.
Single 1.65 V to 3.6 V operation.
3.
1.8 V logic compatible.
4.
High current carrying capability (300 mA continuous
current at 3.3 V).
5.
Low THD + N (0.06% typical).
6.
1.3 mm × 1.6 mm mini LFCSP package.


Número de pieza similar - ADG824BCPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG820 AD-ADG820 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRM AD-ADG820BRM Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRM AD-ADG820BRM Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Descripción similar - ADG824BCPZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836 AD-ADG836 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG839 AD-ADG839 Datasheet
436Kb / 16P
   0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
REV. 0
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com