Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6290 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza 2N6290
Descripción Electrónicos  Complementary Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

2N6290 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2N6290 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N6290 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N6290 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2N6290 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2N6290 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2N6290 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N6109, 6290
Complementary Power Transistors
Page 5
31/05/05 V1.0
Figure 7 - Collector Saturation Region
Figure 9 - “ON” Voltage
Figure 10 - Collector Cut-Off Region
Figure 8 - Capacitances
IC(av)
maximum
(A)
VCEO
maximum
(V)
hFE
minimum
at IC = 2.5A
Ptot
at 25°C
(W)
Type
Part Number
7
50
30
40
PNP
2N6109
NPN
2N6290
Specifications


Número de pieza similar - 2N6290

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N6290 MOSPEC-2N6290 Datasheet
171Kb / 4P
   POWER TRANSISTORS(7A,40W)
logo
Boca Semiconductor Corp...
2N6290 BOCA-2N6290 Datasheet
101Kb / 3P
   EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
Central Semiconductor C...
2N6290 CENTRAL-2N6290 Datasheet
71Kb / 1P
   NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2N6290 SAVANTIC-2N6290 Datasheet
95Kb / 3P
   Silicon NPN Power Transistors
logo
Rectron Semiconductor
2N6290 RECTRON-2N6290 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
More results

Descripción similar - 2N6290

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com