Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM416S1120DT-GF6 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de pieza KM416S1120DT-GF6
Descripción Electrónicos  512K x 16bit x 2 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S1120DT-GF6 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM416S1120DT-GF6 Datasheet HTML 2Page - Samsung semiconductor KM416S1120DT-GF6 Datasheet HTML 3Page - Samsung semiconductor KM416S1120DT-GF6 Datasheet HTML 4Page - Samsung semiconductor KM416S1120DT-GF6 Datasheet HTML 5Page - Samsung semiconductor KM416S1120DT-GF6 Datasheet HTML 6Page - Samsung semiconductor KM416S1120DT-GF6 Datasheet HTML 7Page - Samsung semiconductor KM416S1120DT-GF6 Datasheet HTML 8Page - Samsung semiconductor KM416S1120DT-GF6 Datasheet HTML 9Page - Samsung semiconductor KM416S1120DT-GF6 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
KM416S1120D
CMOS SDRAM
- 6 -
Rev. 1.4 (Jun. 1999)
1. Unless otherwise notes, Input level is CMOS(VIH/VIL=VDDQ/VSSQ) in LVTTL.
2. Measured with outputs open. Addresses are changed only one time during tcc(min).
3. Refresh period is 32ms. Addresses are changed only one time during tcc(min).
4. KM416S1120DT-G**
5. KM416S1120DT-F**
Note :
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
CAS
Latency
Version
Unit Note
-C
-6
-7
-8
-10
Operating Current
(One Bank Active)
ICC1
Burst Length =1
tRC
≥tRC(min)
Io = 0 mA
3
120
115
105
95
85
mA
2
2
-
-
110
95
80
Precharge Standby Cur-
rent in power-down mode
ICC2P
CKE
≤VIL(max), tCC = 15ns
2
mA
ICC2PS
CKE & CLK
≤VIL(max), tCC = ∞
2
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥VIH(min), CS≥VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
15
mA
ICC2NS
CKE
≥VIH(min), CLK≤VIL(max), tCC = ∞
Input signals are stable
5
Active Standby Current
in power-down mode
ICC3P
CKE
≤VIL(max), tCC = 15ns
3
mA
ICC3PS
CKE & CLK
≤VIL(max), tCC = ∞
3
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥VIH(min), CS≥VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
25
mA
ICC3NS
CKE
≥VIH(min), CLK≤VIL(max), tCC = ∞
Input signals are stable
15
mA
Operating Current
(Burst Mode)
ICC4
Io = 0 mA
Page Burst 2Banks Activated
tCCD = 2CLKs
3
155
150
140
130
115
mA
2
2
-
-
125
115
100
Refresh Current
ICC5
tRC
≥tRC(min)
3
105
100
90
90
80
mA
3
2
-
-
100
90
80
Self Refresh Current
ICC6
CKE
≤0.2V
1
mA
4
250
uA
5


Número de pieza similar - KM416S1120DT-GF6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KM416S1120DT-G/F10 ETC-KM416S1120DT-G/F10 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F6 ETC-KM416S1120DT-G/F6 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F7 ETC-KM416S1120DT-G/F7 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F8 ETC-KM416S1120DT-G/F8 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/FC ETC-KM416S1120DT-G/FC Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

Descripción similar - KM416S1120DT-GF6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KM416S1120D ETC-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
logo
Samsung semiconductor
K4S161622D SAMSUNG-K4S161622D Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com