Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM416S1120DT-GF10 Datasheet(PDF) 8 Page - Samsung semiconductor

No. de pieza KM416S1120DT-GF10
Descripción Electrónicos  512K x 16bit x 2 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S1120DT-GF10 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KM416S1120DT-GF10 Datasheet HTML 4Page - Samsung semiconductor KM416S1120DT-GF10 Datasheet HTML 5Page - Samsung semiconductor KM416S1120DT-GF10 Datasheet HTML 6Page - Samsung semiconductor KM416S1120DT-GF10 Datasheet HTML 7Page - Samsung semiconductor KM416S1120DT-GF10 Datasheet HTML 8Page - Samsung semiconductor KM416S1120DT-GF10 Datasheet HTML 9Page - Samsung semiconductor KM416S1120DT-GF10 Datasheet HTML 10Page - Samsung semiconductor KM416S1120DT-GF10 Datasheet HTML 11Page - Samsung semiconductor KM416S1120DT-GF10 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
KM416S1120D
CMOS SDRAM
- 8 -
Rev. 1.4 (Jun. 1999)
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf)=1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Note :
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
-C
-6
-7
-8
-10
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS Latency=3
tCC
5.5
1000
6
1000
7
1000
8
1000
10
1000
ns
1
CAS Latency=2
-
-
8.7
10
12
CLK to valid
output delay
CAS Latency=3
tSAC
-
5
-
5.5
-
5.5
-
6
-
6
ns
1, 2
CAS Latency=2
-
-
-
-
-
7.7
-
6
-
8
Output data
tOH
2
-
2.5
-
2.5
-
2.5
-
2.5
-
ns
2
CLK high pulse width
CAS Latency=3
tCH
2
-
2.5
-
3
-
3
-
3.5
-
ns
3
CAS Latency=2
-
-
CLK low pulse width
CAS Latency=3
tCL
2
-
2.5
-
3
-
3
-
3.5
-
ns
3
CAS Latency=2
-
Input setup time
CAS Latency=3
tSS
1.5
-
1.5
-
1.75
-
2
-
2.5
-
ns
3
CAS Latency=2
-
-
2.5
Input hold time
tSH
1
-
1
-
1
-
1
-
1
-
ns
3
CLK to output in Low-Z
tSLZ
1
-
1
-
1
-
1
-
1
-
ns
2
CLK to output
in Hi-Z
CAS Latency=3
tSHZ
-
5
-
5.5
-
5.5
-
6
-
6
ns
CAS Latency=2
-
-
-
-
-
7.7
-
6
-
8
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. Also, supported tRDL=2CLK for - C/6 part which is distinguished by bucket code "J".
From the next generation, tRDL will be only 2CLK for every clock frequency.
Parameter
Symbol
Version
Unit
-C
-6
-7
-8
-10
CLK cycle time
tCC(min)
5.5
6
7
8
10
ns
Row active to row active delay
tRRD(min)
11
12
14
16
20
ns
RAS to CAS delay
tRCD(min)
16.5
18
17.4
20
20
ns
Row precharge time
tRP(min)
16.5
18
17.4
20
20
ns
Row active time
tRAS(min)
38.5
42
43.5
48
48
ns
tRAS(max)
100
us
Row cycle time
tRC(min)
55
60
60.9
70
70
ns


Número de pieza similar - KM416S1120DT-GF10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KM416S1120DT-G/F10 ETC-KM416S1120DT-G/F10 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F6 ETC-KM416S1120DT-G/F6 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F7 ETC-KM416S1120DT-G/F7 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F8 ETC-KM416S1120DT-G/F8 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/FC ETC-KM416S1120DT-G/FC Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

Descripción similar - KM416S1120DT-GF10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KM416S1120D ETC-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
logo
Samsung semiconductor
K4S161622D SAMSUNG-K4S161622D Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com