Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD1414-12 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza SD1414-12
Descripción Electrónicos  RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1414-12 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1414-12 Datasheet HTML 1Page - STMicroelectronics SD1414-12 Datasheet HTML 2Page - STMicroelectronics SD1414-12 Datasheet HTML 3Page - STMicroelectronics SD1414-12 Datasheet HTML 4Page - STMicroelectronics SD1414-12 Datasheet HTML 5Page - STMicroelectronics SD1414-12 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC)
STATIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
BVCES
IC =50 mA
VBE =0 V
36
V
BVCEO
IC =50 mA
IB =0 mA
18
V
BVEBO
IE =10 mA
IC =0 mA
4. 0
V
ICBO
VCB =15 V
IE =0 mA
5
mA
hFE
VCE =5 V
IC =1 A
20
200
DYNAMIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
POUT
f = 960 MHz
PIN =15 W
VCC =13.5 V
40
W
GP
f = 960 MHz
PIN =15 W
VCC =13.5 V
4. 3
dB
ηC
f = 960 MHz
PIN =15 W
VCC = 13.5 V
50
%
Load
Mismatch
f = 960 MHz
PIN =15 W
VCC = 15 V
All Phases
10: 1
VSW R
COB
f= 1 MHz
VCB = 13.5 V
80
pF
SD1414-12
2/6


Número de pieza similar - SD1414-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
   RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
logo
Advanced Semiconductor
SD1414 ASI-SD1414 Datasheet
34Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Descripción similar - SD1414-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
   RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
logo
Advanced Power Technolo...
MS1536 ADPOW-MS1536 Datasheet
121Kb / 4P
   RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
logo
STMicroelectronics
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
   RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
SD1660 STMICROELECTRONICS-SD1660 Datasheet
75Kb / 7P
   RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
logo
Advanced Power Technolo...
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
   RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
MS1453 ADPOW-MS1453 Datasheet
87Kb / 3P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASESTATION APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
logo
STMicroelectronics
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
logo
Advanced Power Technolo...
SD1420-01 ADPOW-SD1420-01 Datasheet
77Kb / 3P
   RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com