Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4351M96 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4351M96
Descripción Electrónicos  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4351M96 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD74HC4351M96 Datasheet HTML 7Page - Texas Instruments CD74HC4351M96 Datasheet HTML 8Page - Texas Instruments CD74HC4351M96 Datasheet HTML 9Page - Texas Instruments CD74HC4351M96 Datasheet HTML 10Page - Texas Instruments CD74HC4351M96 Datasheet HTML 11Page - Texas Instruments CD74HC4351M96 Datasheet HTML 12Page - Texas Instruments CD74HC4351M96 Datasheet HTML 13Page - Texas Instruments CD74HC4351M96 Datasheet HTML 14Page - Texas Instruments CD74HC4351M96 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
Typical Performance Curves
FIGURE 5. CHANNEL ON BANDWIDTH (’HC4351,
CD74HCT4351)
FIGURE 6. CHANNEL OFF FEEDTHROUGH (’HC4351,
CD74HCT4351)
FIGURE 7. CHANNEL ON BANDWIDTH (CD74HC4352)
FIGURE 8. CHANNEL OFF FEEDTHROUGH (CD74HC4352)
VCC = 4.5V
GND = -4.5V
VEE = -4.5V
RL = 50Ω
PIN 12 TO 3
VCC = 2.25V
GND = -2.25V
VEE = -2.25V
RL = 50Ω
PIN 12 TO 3
10K
100K
1M
10M
100M
FREQUENCY, f (Hz)
0
-2
-4
-6
-8
-10
VCC = 4.5V
GND = -4.5V
VEE = -4.5V
RL = 50Ω
PIN 12 TO 3
VCC = 2.25V
GND = -2.25V
VEE = -2.25V
RL = 50Ω
PIN 12 TO 3
10K
100K
1M
10M
100M
FREQUENCY, f (Hz)
0
-20
-40
-60
-80
-100
VCC = 4.5V
GND = -4.5V
VEE = -4.5V
RL = 50Ω
PIN 4 TO 3
VCC = 2.25V
GND = -2.25V
VEE = -2.25V
RL = 50Ω
PIN 4 TO 3
10K
100K
1M
10M
100M
FREQUENCY, f (Hz)
0
-2
-4
-6
-8
-10
VCC = 4.5V
GND = -4.5V
VEE = -4.5V
RL = 50Ω
PIN 4 TO 3
VCC = 2.25V
GND = -2.25V
VEE = -2.25V
RL = 50Ω
PIN 4 TO 3
10K
100K
1M
10M
100M
FREQUENCY, f (Hz)
0
-20
-40
-60
-80
-100
CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352


Número de pieza similar - CD74HC4351M96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4351M96 TI-CD74HC4351M96 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351M96 TI-CD74HC4351M96 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351M96E4 TI-CD74HC4351M96E4 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351M96E4 TI-CD74HC4351M96E4 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351M96G4 TI-CD74HC4351M96G4 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results

Descripción similar - CD74HC4351M96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com