Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HCT153M Datasheet(PDF) 1 Page - Texas Instruments |
|
|
CD74HCT153M Datasheet(HTML) 1 Page - Texas Instruments |
1 / 13 page 1 Data sheet acquired from Harris Semiconductor SCHS151C Features • Common Select Inputs • Separate Enable Inputs • Buffered inputs and Outputs • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30%of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The ’HC153 and ’HCT153 are dual 4- to 1-line selector/multiplexers that select one of four sources for each section by the common select inputs, S0 and S1. When the enable inputs (1E, 2E) are HIGH, the outputs are in the LOW state. Pinout CD54HC153, CD54HCT153 (CERDIP) CD74HC153, CD74HCT153 (PDIP, SOIC) TOP VIEW Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC153F3A -55 to 125 16 Ld CERDIP CD54HCT153F3A -55 to 125 16 Ld CERDIP CD74HC153E -55 to 125 16 Ld PDIP CD74HC153M -55 to 125 16 Ld SOIC CD74HC153MT -55 to 125 16 Ld SOIC CD74HC153M96 -55 to 125 16 Ld SOIC CD74HCT153E -55 to 125 16 Ld PDIP CD74HCT153M -55 to 125 16 Ld SOIC CD74HCT153MT -55 to 125 16 Ld SOIC CD74HCT153M96 -55 to 125 16 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and reel. The suffix T denotes a small-quantity reel of 250. 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 1E S1 1I3 1I2 1I1 1I0 GND 1Y VCC S0 2I3 2I2 2I1 2I0 2Y 2E September 1997 - Revised October 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54HC153, CD74HC153, CD54HCT153, CD74HCT153 High-Speed CMOS Logic Dual 4- to 1-Line Selector/Multiplexer [ /Title (CD74H C153, CD74H CT153) /Subject (High Speed CMOS Logic Dual 4- Input |
Número de pieza similar - CD74HCT153M |
|
Descripción similar - CD74HCT153M |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |