Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA323WQS Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza STA323WQS
Descripción Electrónicos  2.1-channel high-efficiency digital audio system with QSound QHD짰
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323WQS Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA323WQS Datasheet HTML 28Page - STMicroelectronics STA323WQS Datasheet HTML 29Page - STMicroelectronics STA323WQS Datasheet HTML 30Page - STMicroelectronics STA323WQS Datasheet HTML 31Page - STMicroelectronics STA323WQS Datasheet HTML 32Page - STMicroelectronics STA323WQS Datasheet HTML 33Page - STMicroelectronics STA323WQS Datasheet HTML 34Page - STMicroelectronics STA323WQS Datasheet HTML 35Page - STMicroelectronics STA323WQS Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
Electrical characteristics curves
STA323WQS
32/78
Figure 42.
FFT -60 dB, single ended, 1 kHz, 2
Figure 43.
FFT -60 dB, single ended, 1 kHz, 4
Figure 44.
FFT -60 dB, single ended, 1 kHz, 3
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
+10
20
20k
50
100
200
500
1k
2k
5k
10k
dBr
Hz
-110
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
dBr
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
-130
-140
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
dBr
-130
-140


Número de pieza similar - STA323WQS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA323W STMICROELECTRONICS-STA323W Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA323W13TR STMICROELECTRONICS-STA323W13TR Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA323W13TR STMICROELECTRONICS-STA323W13TR Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
More results

Descripción similar - STA323WQS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA335BWQS STMICROELECTRONICS-STA335BWQS Datasheet
1Mb / 72P
   2.1-channel high-efficiency digital audio system with QSound QHD
STA333BWQS STMICROELECTRONICS-STA333BWQS Datasheet
1Mb / 71P
   2.1-channel high-efficiency digital audio system with QSound QHD
STA335BWSQS STMICROELECTRONICS-STA335BWSQS Datasheet
1Mb / 70P
   2.1-channel, high-efficiency digital audio system with QSound QHD®
March 2009
STA559BWQS STMICROELECTRONICS-STA559BWQS Datasheet
808Kb / 66P
   5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
   2.1-channel high-efficiency digital audio system
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com