Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ALVCH16835DGVR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN74ALVCH16835DGVR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 17 page www.ti.com ELECTRICAL CHARACTERISTICS TIMING REQUIREMENTS SN74ALVCH16835 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS SCES053J – SEPTEMBER 1995 – REVISED OCTOBER 2004 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = -100 µA 1.65 V to 3.6 V VCC - 0.2 IOH = -4 mA 1.65 V 1.2 IOH = -6 mA 2.3 V 2 VOH 2.3 V 1.7 V IOH = -12 mA 2.7 V 2.2 3 V 2.4 IOH = -24 mA 3 V 2 IOL = 100 µA 1.65 V to 3.6 V 0.2 IOL = 4 mA 1.65 V 0.45 IOL = 6 mA 2.3 V 0.4 VOL V 2.3 V 0.7 IOL = 12 mA 2.7 V 0.4 IOL = 24 mA 3 V 0.55 II VI = VCC or GND 3.6 V ±5 µA VI = 0.58 V 1.65 V 25 VI = 1.07 V 1.65 V -25 VI = 0.7 V 2.3 V 45 II(hold) VI = 1.7 V 2.3 V -45 µA VI = 0.8 V 3 V 75 VI = 2 V 3 V -75 VI = 0 to 3.6 V(2) 3.6 V ±500 IOZ VO = VCC or GND 3.6 V ±10 µA ICC VI = VCC or GND, IO = 0 3.6 V 40 µA ∆I CC One input at VCC - 0.6 V, Other inputs at VCC or GND 3 V to 3.6 V 750 µA Control inputs 3.5 Ci VI = VCC or GND 3.3 V pF Data inputs 6 Co Outputs VO = VCC or GND 3.3 V 7 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. (2) This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 2.5 V VCC = 3.3 V VCC = 1.8 V VCC = 2.7 V ± 0.2 V ± 0.3 V UNIT MIN TYP MIN MAX MIN MAX MIN MAX fclock Clock frequency (1) 150 150 150 MHz LE high (1) 3.3 3.3 3.3 tw Pulse duration ns CLK high or low (1) 3.3 3.3 3.3 Data before CLK ↑ (1) 2.2 2.1 1.7 tsu Setup time CLK high (1) 1.9 1.6 1.5 ns Data before LE ↓ CLK low (1) 1.3 1.1 1 Data after CLK ↑ (1) 0.6 0.6 0.7 th Hold time ns Data after LE ↓ CLK high or low (1) 1.4 1.7 1.4 (1) This information was not available at the time of publication. 5 |
Número de pieza similar - SN74ALVCH16835DGVR |
|
Descripción similar - SN74ALVCH16835DGVR |