Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD1538-02 Datasheet(PDF) 2 Page - STMicroelectronics |
|
SD1538-02 Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 5 page ELECTRICAL SPECIFICATIONS (Tcase = 25°C) Symbol Test Conditi ons Value Uni t Min. Typ. Max. POUT f = 1025 — 1150MHz PIN = 25.0 W VCE = 50 V 150 — — W GP f = 1025 — 1150MHz PIN = 25.0 W VCE = 50 V 7.8 — — dB Note: Pulse W idth = 10µSec, Duty Cycle = 1% This device i s sui table f or use under other pulse widt h/duty cycle condit ions. Please contact the fact ory for specific appli cat ions assi stance. STATIC Symbol Test Conditions Value Unit Min. Typ. Max. BVCBO IC = 10mA IE = 0mA 65 — — V BVCES IC = 25mA VBE = 0V 65 — — V BVEBO IE = 5mA IC = 0mA 3.5 — — V ICES VCE = 50V IE = 0mA — — 10 mA hFE VCE = 5V IC = 300mA 5 — — — DYNAMIC TYPICAL PERFORMANCE POWER OUTPUT vs POWER INPUT POWER OUTPUT vs FREQUENCY SD1538-02 2/5 |
Número de pieza similar - SD1538-02 |
|
Descripción similar - SD1538-02 |