Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT32TDI-T3 Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT32TDI-T3
Descripción Electrónicos  CMOS White LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32TDI-T3 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT32TDI-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT32TDI-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT32TDI-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT32TDI-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT32TDI-T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT32TDI-T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT32TDI-T3 Datasheet HTML 11Page - Catalyst Semiconductor CAT32TDI-T3 Datasheet HTML 12Page - Catalyst Semiconductor CAT32TDI-T3 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT32
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5001 Rev. AD
Characteristics subject to change without notice
LED DIMMING WITH A LOGIC SIGNAL
For applications that need to adjust the LED
brightness in discrete steps, a logic signal can be
used. RMIN sets the minimum LED current value
(when the NMOS is OFF):
RINCR determines how much LED current increases
when the external NMOS switch is turned ON.
LED DIMMING WITH A DC VOLTAGE
PCB Layout Guidelines
The CAT32 is a high-frequency switching regulator
and therefore proper PCB board layout and
component placement can minimize noise and
radiation and increase efficiency. To maximize
efficiency, the CAT32 design has fast switch rise and
fall times. To prevent radiation and high frequency
resonance problems minimize the length and area of
all traces connected to the SW pin and use a ground
plane under the switching regulator.
The switch, schottky output diode and output
capacitor signal path should be kept as short as
possible. The ground connection for the RSET resistor
should be tied directly to the GND pin and not be
shared with other components.
)
MIN
(
LED
MIN
I
V
1
.
0
×
255
=
R
)
Increase
(
LED
INCR
I
V
1
.
0
×
255
=
R
I
I
V
1
.
0
V
×
225
=
R
)
MIN
(
LEAD
)
MAX
(
LED
MAX
ADJ
CAT32
SHDN
5
PWM
CAT32
RSET
4
PWM
RPWM
RSET
CAT32
RSET
VDC
4
RSET
RADJ
RPWM
CAT32
RSET
PWM
10kΩ
0.1µF
4
RSET
RMIN
CAT32
RSET
RINCR
Logic
Signal
4
Figure 3. LED Dimming Circuits


Número de pieza similar - CAT32TDI-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
More results

Descripción similar - CAT32TDI-T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com