Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CAT1021_0711 Datasheet(PDF) 13 Page - Catalyst Semiconductor

No. de Pieza. CAT1021_0711
Descripción  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1021_0711 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT1021_0711 Hoja de datos HTML 9Page - Catalyst Semiconductor CAT1021_0711 Hoja de datos HTML 10Page - Catalyst Semiconductor CAT1021_0711 Hoja de datos HTML 11Page - Catalyst Semiconductor CAT1021_0711 Hoja de datos HTML 12Page - Catalyst Semiconductor CAT1021_0711 Hoja de datos HTML 13Page - Catalyst Semiconductor CAT1021_0711 Hoja de datos HTML 14Page - Catalyst Semiconductor CAT1021_0711 Hoja de datos HTML 15Page - Catalyst Semiconductor CAT1021_0711 Hoja de datos HTML 16Page - Catalyst Semiconductor CAT1021_0711 Hoja de datos HTML 17Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
CAT1021, CAT1022, CAT1023
© Catalyst Semiconductor, Inc.
13
Doc. No. MD-3009 Rev. M
Characteristics subject to change without notice
Immediate/Current Address Read
The CAT1021/22/23 address counter contains the
address of the last byte accessed, incremented by
one. In other words, if the last READ or WRITE
access was to address N, the READ immediately
following would access data from address N + 1. For
N = E = 255, the counter will wrap around to zero
and continue to clock out valid data.
After the
CAT1021/22/23 receives its slave address infor-
mation (with the R/W
¯¯ bit set to one), it issues an
acknowledge,
then
transmits
the
8-bit
byte
requested. The master device does not send an
acknowledge, but will generate a STOP condition.
Selective/Random Read
Selective/Random
READ
operations
allow
the
Master device to select at random any memory
location for a READ operation. The Master device
first performs a ‘dummy’ write operation by sending
the START condition, slave address and byte
addresses of the location it wishes to read. After the
CAT1021/22/23 acknowledges, the Master device
sends the START condition and the slave address
again, this time with the R/W
¯¯ bit set to one. The
CAT1021/22/23 then responds with its acknowledge
and sends the 8-bit byte requested. The master
device does not send an acknowledge but will
generate a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT1021/22/23 sends the inital 8-
bit byte requested, the Master will responds with an
acknowledge which tells the device it requires more
data. The CAT1021/22/23 will continue to output an 8-
bit byte for each acknowledge, thus sending the STOP
condition.
The data being transmitted from the CAT1021/22/23 is
sent sequentially with the data from address N followed
by data from address N + 1. The READ operation
address counter increments all of the CAT1021/22/23
address bits so that the entire memory array can be
read during one operation.
Figure 11. Selective Read Timing
Figure 12. Sequential Read Timing
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE
ADDRESS (n)
S
A
C
K
DATA n
SLAVE
ADDRESS
A
C
K
S
T
A
R
T
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+x
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
DATA n+2
A
C
K
P
SLAVE
ADDRESS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn