Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CAT1021_0711 Datasheet(PDF) 19 Page - Catalyst Semiconductor

No. de Pieza. CAT1021_0711
Descripción  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

CAT1021_0711 Datasheet(HTML) 19 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
CAT1021, CAT1022, CAT1023
© Catalyst Semiconductor, Inc.
19
Doc. No. MD-3009 Rev. M
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
Ordering Part Number – CAT1021xx
CAT1021LI-45-G
CAT1021ZI-45-GT3
CAT1021LI-42-G
CAT1021ZI-42-GT3
CAT1021LI-30-G
CAT1021ZI-30-GT3
CAT1021LI-28-G
CAT1021ZI-28-GT3
CAT1021LI-25-G
CAT1021ZI-25-GT3
CAT1021WI-45-GT3
CAT1021ZD4I-45-T2
CAT1021WI-42-GT3
CAT1021ZD4I-42-T2
CAT1021WI-30-GT3
CAT1021ZD4I-30-T2
CAT1021WI-28-GT3
CAT1021ZD4I-28-T2
CAT1021WI-25-GT3
CAT1021ZD4I-25-T2
CAT1021YI-45-GT3
CAT1021YI-42-GT3
CAT1021YI-30-GT3
CAT1021YI-28-GT3
CAT1021YI-25-GT3
CAT1022xx and Cat1023xx Ordering Part Numbers are located on page 20.
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT1021WI-30-GT3 (SOIC, Industrial Temperature, 3.0 - 3.15V, NiPdAu, Tape & Reel,
3,000/Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
(5) TDFN not available in NiPdAu (–G) version.
Prefix
Device #
Suffix
CAT
1021
W
I
-30
G T3
Company ID
Package
L: PDIP
W: SOIC
Y: TSSOP
Z: MSOP
ZD4: TDFN 3x3mm
(5)
Temperature Range
I = In
dustrial (-40ºC to 85ºC)
Reset Threshold Voltage
-45: 4.50V – 4.75V
-42: 4.25V – 4.50V
-30: 3.00V – 3.15V
-28: 2.85V – 3.00V
-25: 2.55V – 2.70V
Product
Number
1021: 2K
1022: 2K
1023: 2K
Tape & Reel
T: Tape & Reel
2: 2000/Reel (only TDFN)
3: 3,000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu
For Product Top Mark Codes, click here:
http://www.catsemi.com/techsupport/producttopmark.asp


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn