Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78628KTTR Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS78628KTTR
Descripción Electrónicos  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS78628KTTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS78628KTTR Datasheet HTML 5Page - Texas Instruments TPS78628KTTR Datasheet HTML 6Page - Texas Instruments TPS78628KTTR Datasheet HTML 7Page - Texas Instruments TPS78628KTTR Datasheet HTML 8Page - Texas Instruments TPS78628KTTR Datasheet HTML 9Page - Texas Instruments TPS78628KTTR Datasheet HTML 10Page - Texas Instruments TPS78628KTTR Datasheet HTML 11Page - Texas Instruments TPS78628KTTR Datasheet HTML 12Page - Texas Instruments TPS78628KTTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
PROGRAMMING THE TPS78601
C
1 +
(3 x 10−7) x (R1 ) R2)
(R
1 x R2)
(3)
V
OUT + VREF
1 )
R
1
R
2
(1)
REGULATOR PROTECTION
R
1 +
V
OUT
V
REF
* 1
R
2
(2)
TPS78601
GND
FB
IN
OUT
EN
V
IN
V
OUT
R
1
C
1
R
2
1
µF
2.2
µF
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
C1
1.8 V
3.6 V
14.0 k
57.9 k
30.1 k
30.1 k
33 pF
15 pF
TPS786xx
SLVS389G – SEPTEMBER 2002 – REVISED JULY 2006
In order to improve the stability of the adjustable
ADJUSTABLE LDO REGULATOR
version, it is suggested that a small compensation
capacitor be placed between OUT and FB.
The output voltage of the TPS78601 adjustable
regulator is programmed using an external resistor
The approximate value of this capacitor can be
divider as shown in Figure 25. The output voltage is
calculated using Equation 3:
calculated using Equation 1:
The suggested value of this capacitor for several
resistor ratios is shown in the table below. If this
where:
capacitor is not used (such as in a unity-gain
• V
REF
= 1.2246 V typ (the internal reference
configuration), then the minimum recommended
voltage)
output capacitor is 2.2
µF instead of 1 µF.
Resistors
R1 and R2 should be chosen for
approximately 40-
µA divider current. Lower value
resistors
can
be
used
for
improved
noise
The TPS786xx PMOS-pass transistor has a built-in
performance, but the device wastes more power.
back diode that conducts reverse current when the
Higher values should be avoided, as leakage current
input voltage drops below the output voltage (for
at FB increases the output voltage error.
example, during power down). Current is conducted
from the output to the input and is not internally
The recommended design procedure is to choose
limited. If extended reverse voltage operation is
R2 = 30.1 kΩ to set the divider current at 40 µA,
anticipated, external limiting might be appropriate.
C1 = 15 pF for stability, and then calculate R1 using
Equation 2:
The TPS786xx features internal current limiting and
thermal protection. During normal operation, the
TPS786xx limits output current to approximately
2.8 A. When current limiting engages, the output
voltage scales back linearly until the overcurrent
condition ends. While current limiting is designed to
prevent gross device failure, care should be taken
not to exceed the power dissipation ratings of the
package. If the temperature of the device exceeds
approximately
165
°C, thermal-protection circuitry
shuts it down. Once the device has cooled down to
below
approximately
140
°C, regulator operation
resumes.
Figure 25. TPS78601 Adjustable LDO Regulator Programming
9
Submit Documentation Feedback


Número de pieza similar - TPS78628KTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78628KTT TI-TPS78628KTT Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78628KTT TI1-TPS78628KTT Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78628KTT TI1-TPS78628KTT Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78628KTTT TI1-TPS78628KTTT Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78628KTTT TI1-TPS78628KTTT Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Descripción similar - TPS78628KTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com