Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS78628KTTRG3 Datasheet(PDF) 2 Page - Texas Instruments |
|
TPS78628KTTRG3 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 21 page www.ti.com ABSOLUTE MAXIMUM RATINGS PACKAGE DISSIPATION RATINGS TPS786xx SLVS389G – SEPTEMBER 2002 – REVISED JULY 2006 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT VOUT(2) TPS786xxyyyz XX is nominal output voltage (for example, 28 = 2.8 V, 285 = 2.85 V, 01 = Adjustable). YYY is package designator. Z is package quantity. (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) Output voltages from 1.3 V to 5.0 V in 100 mV increments are available; minimum order quantities may apply. Contact factory for details and availability. over operating temperature (unless otherwise noted)(1) VALUE VIN range –0.3 V to 6 V VEN range –0.3 V to VIN + 0.3 V VOUT range 6 V Peak output current Internally limited ESD rating, HBM 2 kV ESD rating, CDM 500 V Continuous total power dissipation See Dissipation Ratings table Junction temperature range, TJ –40 °C to +150°C Storage temperature range, Tstg –65 °C to +150°C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. PACKAGE BOARD R θ JC R θ JA DDPAK High-K(1) 2 °C/W 23 °C/W SOT223 Low-K(2) 15 °C/W 53 °C/W (1) The JEDEC high-K (2s2p) board design used to derive this data was a 3-in x 3-in (7,5-cm x 7,5-cm), multilayer board with 1 ounce internal power and ground planes and 2 ounce copper traces on top and bottom of the board. (2) The JEDEC low-K (1s) board design used to derive this data was a 3-in x 3-in (7,5-cm x 7,5cm), two-layered board with 2 ounce copper traces on top of the board. 2 Submit Documentation Feedback |
Número de pieza similar - TPS78628KTTRG3 |
|
Descripción similar - TPS78628KTTRG3 |