Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS78630DCQG4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS78630DCQG4
Descripción Electrónicos  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS78630DCQG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS78630DCQG4 Datasheet HTML 1Page - Texas Instruments TPS78630DCQG4 Datasheet HTML 2Page - Texas Instruments TPS78630DCQG4 Datasheet HTML 3Page - Texas Instruments TPS78630DCQG4 Datasheet HTML 4Page - Texas Instruments TPS78630DCQG4 Datasheet HTML 5Page - Texas Instruments TPS78630DCQG4 Datasheet HTML 6Page - Texas Instruments TPS78630DCQG4 Datasheet HTML 7Page - Texas Instruments TPS78630DCQG4 Datasheet HTML 8Page - Texas Instruments TPS78630DCQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS786xx
SLVS389G – SEPTEMBER 2002 – REVISED JULY 2006
Over recommended operating temperature range (T
J = –40°C to +125°C), VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1 mA,
C
OUT = 10 µF, CNR = 0.01 µF, unless otherwise noted. Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage, VIN(1)
2.7
5.5
V
Internal reference, VFB (TPS78601)
1.200
1.225
1.250
V
Continuous output current IOUT
0
1.5
A
Output voltage range
TPS78601
1.225
5.5 – VDO
V
Output
TPS78601(2) 0
µA ≤ I
OUT ≤ 1.5 A, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
(0.98)VOUT
VOUT
(1.02)VOUT
V
voltage
Accuracy
Fixed VOUT
0
µA ≤ I
OUT ≤ 1.5 A, VOUT + 1 V ≤ VIN ≤ 5.5 V
–2.0
+2.0
%
Output voltage line regulation (
∆V
OUT%/VIN)
(1)
VOUT + 1 V ≤ VIN ≤ 5.5 V
5
12
%/V
Load regulation (
∆V
OUT%/VOUT)
0
µA ≤ I
OUT ≤ 1.5 A
7
mV
TPS78628
IOUT = 1.5 A
410
580
Dropout voltage(3)
TPS78630
IOUT = 1.5 A
390
550
mV
VIN = VOUT(nom)– 0.1 V
TPS78633
IOUT = 1.5 A
340
510
Output current limit
VOUT = 0 V
2.4
4.2
A
Ground pin current
0
µA ≤ I
OUT ≤ 1.5 A
260
385
µA
Shutdown current(4)
VEN = 0 V, 2.7 V ≤ VIN ≤ 5.5 V
0.07
1
µA
FB pin current
VFB = 1.225 V
1
µA
f = 100 Hz, IOUT = 10 mA
59
f = 100 Hz, IOUT = 1.5 A
52
Power-supply ripple rejection
TPS78630
dB
f = 10 kHz, IOUT = 1.5 A
49
f = 100 kHz, IOUT = 1.5 A
32
CNR = 0.001 µF
66
CNR = 0.0047 µF
51
BW = 100 Hz to 100 kHz,
Output noise voltage (TPS78630)
µV
RMS
IOUT = 1.5 A
CNR = 0.01 µF
49
CNR = 0.1 µF
48
CNR = 0.001 µF
50
Time, start-up (TPS78630)
RL = 2 Ω, COUT = 1 µF
CNR = 0.0047 µF
75
µs
CNR = 0.01 µF
110
High-level enable input voltage
2.7 V
≤ V
IN ≤ 5.5 V
1.7
VIN
V
Low-level enable input voltage
2.7 V
≤ V
IN ≤ 5.5 V
0
0.7
V
EN pin current
VEN = 0
–1
1
µA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
(1)
Minimum VIN = VOUT + VDO or 2.7 V, whichever is greater.
(2)
Tolerance of external resistors not included in this specification.
(3)
Dropout is not measured for TPS78618 or TPS78625 since minimum VIN = 2.7 V.
(4)
For adjustable version, this applies only after VIN is applied; then VEN transitions high to low.
3
Submit Documentation Feedback


Número de pieza similar - TPS78630DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78630DCQG4 TI1-TPS78630DCQG4 Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS78630DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com