Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT812JTBI-T10 Datasheet(PDF) 2 Page - Catalyst Semiconductor

No. de pieza CAT812JTBI-T10
Descripción Electrónicos  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT812JTBI-T10 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT812JTBI-T10 Datasheet HTML 1Page - Catalyst Semiconductor CAT812JTBI-T10 Datasheet HTML 2Page - Catalyst Semiconductor CAT812JTBI-T10 Datasheet HTML 3Page - Catalyst Semiconductor CAT812JTBI-T10 Datasheet HTML 4Page - Catalyst Semiconductor CAT812JTBI-T10 Datasheet HTML 5Page - Catalyst Semiconductor CAT812JTBI-T10 Datasheet HTML 6Page - Catalyst Semiconductor CAT812JTBI-T10 Datasheet HTML 7Page - Catalyst Semiconductor CAT812JTBI-T10 Datasheet HTML 8Page - Catalyst Semiconductor CAT812JTBI-T10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT811, CAT812
Doc. No. MD-3005 Rev. S
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN DESCRIPTION
Pin Number
CAT811
CAT812
Name
Description
1
1
GND
Ground
2
RESET
¯¯¯¯¯¯
Active LOW reset. RESET
¯¯¯¯¯¯ is asserted if VCC falls below the reset threshold
and remains low for at least 140ms after VCC rises above the reset threshold.
2
RESET
Active HIGH reset. RESET is asserted if VCC falls below the reset threshold
and remains high for at least 140ms after VCC rises above the reset
threshold.
3
3
MR
¯¯¯
Manual Reset Input. A logic LOW on MR
¯¯¯ asserts RESET. RESET remains
active as long as MR
¯¯¯ is LOW and for 140ms after MR
¯¯¯ returns HIGH. The
active low input has an internal 20kΩ pull-up resistor. The input should be
left open if not used.
4
4
VCC
Power supply voltage that is monitored.
BLOCK DIAGRAM
CAT812
VCC
RESET
+
RESET
&
DIGITAL
DELAY
VCC
TOLERANCE
BIAS
VOLTAGE
REFERENCE
GND
CAT811
VCC
RESET
+
RESET
&
DIGITAL
DELAY
VCC
TOLERANCE
BIAS
VOLTAGE
REFERENCE
GND
VCC
VCC
MR
MR


Número de pieza similar - CAT812JTBI-T10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT812JTBI-T10 CATALYST-CAT812JTBI-T10 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT812JTBI-T10 ONSEMI-CAT812JTBI-T10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
More results

Descripción similar - CAT812JTBI-T10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com