Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT1023WI-28-GT2 Datasheet(PDF) 7 Page - Catalyst Semiconductor

No. de pieza CAT1023WI-28-GT2
Descripción Electrónicos  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1023WI-28-GT2 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT1023WI-28-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1023WI-28-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1023WI-28-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1023WI-28-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1023WI-28-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1023WI-28-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1023WI-28-GT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1023WI-28-GT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT1023WI-28-GT2 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CAT1021, CAT1022, CAT1023
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-3009 Rev. M
Characteristics subject to change without notice
DEVICE OPERATION
Reset Controller Description
The CAT1021/22/23 precision RESET controllers
ensure correct system operation during brownout and
power up/down conditions. They are configured with
open drain RESET outputs.
During power-up, the RESET outputs remain active
until VCC reaches the VTH threshold and will continue
driving the outputs for approximately 200ms (tPURST)
after reaching VTH. After the tPURST timeout interval, the
device will cease to drive the reset outputs. At this
point the reset outputs will be pulled up or down by
their respective pull up/down resistors.
During power-down, the RESET outputs will be active
when VCC falls below VTH. The RESET
¯¯¯¯¯¯ output will be
valid so long as VCC is >1.0V (VRVALID). The device is
designed to ignore the fast negative going VCC
transient pulses (glitches).
Reset output timing is shown in Figure 1.
Manual Reset Operation
The RESET
¯¯¯¯¯¯ pin can operate as reset output and
manual reset input. The input is edge triggered; that
is, the RESET
¯¯¯¯¯¯ input will initiate a reset timeout after
detecting a high to low transition.
When RESET
¯¯¯¯¯¯ I/O is driven to the active state, the 200
msec timer will begin to time the reset interval. If
external reset is shorter than 200ms, Reset outputs
will remain active at least 200ms.
The CAT1021/22/23 also have a separate manual
reset input. Driving the MR
¯¯¯ input low by connecting a
pushbutton (normally open) from MR
¯¯¯ pin to GND will
generate a reset condition. The input has an internal
pull up resistor.
Reset remains asserted while MR
¯¯¯ is low and for the
Reset Timeout period after MR
¯¯¯ input has gone high.
Glitches shorter than 100ns on MR
¯¯¯ input will not ge-
nerate a reset pulse. No external debouncing circuits
are required. Manual reset operation using MR
¯¯¯ input
is shown in Figure 2.
Hardware Data Protection
The CAT1021/22/23 supervisors have been designed
to solve many of the data corruption issues that have
long been associated with serial EEPROMs.
Data
corruption occurs when incorrect data is stored in a
memory location which is assumed to hold correct data.
Whenever the device is in a Reset condition, the
embedded EEPROM is disabled for all operations,
including write operations. If the Reset output(s) are
active, in progress communications to the EEPROM
are aborted and no new communications are allowed.
In this condition an internal write cycle to the memory
can not be started, but an in progress internal non-
volatile memory write cycle can not be aborted. An
internal write cycle initiated before the Reset condition
can be successfully finished if there is enough time
(5ms) before VCC reaches the minimum value of 2V.
In addition, the CAT1021 includes a Write Protection
Input which when tied to VCC will disable any write
operations to the device.
Watchdog Timer
The
Watchdog
Timer
provides
an
independent
protection for microcontrollers. During a system
failure, CAT1021/22/23 devices will provide a reset
signal after a time-out interval of 1.6 seconds for a
lack of activity. The CAT1023 is designed with the
Watchdog timer feature on the WDI pin. The CAT1021
and CAT1022 monitor the SDA line. If WDI or SDA
does not toggle within a 1.6 second interval, the reset
condition will be generated on the reset outputs. The
watchdog timer is cleared by any transition on a
monitored line.
As long as reset signal is asserted, the watchdog
timer will not count and will stay cleared.


Número de pieza similar - CAT1023WI-28-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1023WI-28-GT2 CATALYST-CAT1023WI-28-GT2 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

Descripción similar - CAT1023WI-28-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com