Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT1026ZI-45-T2 Datasheet(PDF) 2 Page - Catalyst Semiconductor

No. de pieza CAT1026ZI-45-T2
Descripción Electrónicos  Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1026ZI-45-T2 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT1026ZI-45-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1026ZI-45-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1026ZI-45-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1026ZI-45-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1026ZI-45-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1026ZI-45-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1026ZI-45-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1026ZI-45-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1026ZI-45-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CAT1026, CAT1027
Doc. No. MD-3010 Rev. M
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
2kbit
DOUT
ACK
SENSEAMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORDADDRESS
BUFFERS
START/STOP
LOGIC
EEPROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGHVOLTAGE/
TIMING CONTROL
VSS
SDA
RESET
Controller
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
RESET
RESET
(CAT1026)
WDI
(CAT1027)
-
+
VCC
VSENSE
-
+
VREF
VLOW
VREF
AuxiliaryVoltage Monitor
VCC Monitor
BLOCK DIAGRAM
RESET THRESHOLD OPTION
Part Dash
Number
Minimum
Threshold
Maximum
Threshold
-45
4.50
4.75
-42
4.25
4.50
-30
3.00
3.15
-28
2.85
3.00
-25
2.55
2.70
PIN CONFIGURATION
DIP Package (L)
SOIC Package (W)
TSSOP Package (Y)
MSOP Package (Z)
VLOW
1
8
VCC
RESET
¯¯¯¯¯¯
2
7
RESET
VSENSE 3
6
SCL
VSS 4
5
SDA
CAT1026
VLOW
1
8
VCC
RESET
¯¯¯¯¯¯
2
7
WDI
VSENSE 3
6
SCL
VSS 4
5
SDA
CAT1027
(Bottom View)
TDFN Package: 3mm x 3mm
0.8mm maximum height - (ZD4)
VCC 8
1 VLOW
RESET 7
2 RESET
¯¯¯¯¯¯
SCL 6
CAT1026
3 VSENSE
SDA 5
4 VSS
VCC 8
1 VLOW
WDI 7
2 RESET
¯¯¯¯¯¯
SCL 6
CAT1027
3 VSENSE
SDA 5
4 VSS


Número de pieza similar - CAT1026ZI-45-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1026ZI-45-GT2 CATALYST-CAT1026ZI-45-GT2 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026ZI-45-GT3 CATALYST-CAT1026ZI-45-GT3 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1026ZI-45-GT3 ONSEMI-CAT1026ZI-45-GT3 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
More results

Descripción similar - CAT1026ZI-45-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
CAT1026 ONSEMI-CAT1026 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1023WI-28 ONSEMI-CAT1023WI-28 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com