Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSX1-AS-16-45.00 Datasheet(PDF) 1 Page - Crystek Corporation |
|
CSX1-AS-16-45.00 Datasheet(HTML) 1 Page - Crystek Corporation |
|
1 / 1 page TD-021009 Rev. E Specifications subject to change without notice. 5X7 mm Low Profile SMD Crystal CSX1 Model 8MHz to 49.152MHz (fund) ±10ppm to ±50ppm ±10ppm to ±100ppm 0°C to 70°C -20°C to 70°C -40°C to 85°C -40°C to 85°C 5.0pF Max 50 uW Typical, 300uW Max ± 3ppm Max 1st/yr see table 1 1K Tape and Reel ** Custom Designs Available Frequency Range: Calibration Tolerance: Frequency Stability: Temperature Ranges: Storage: Shunt Capacitance: Drive Level: Aging: ESR: Packaging: All dimensions are Max unless otherwise specified. Dimensions inches (mm) Build Your Own P/N CSX1-XX-XX-Freq Example: CSX1-AB-18-45.000 = ±10ppm at 25°C, ±25ppm -20 to 70°C, 18pF Load Cap, 45.000MHz Frequency Tolerance at 25°C A ±10 ppm B ±25 ppm C ±50 ppm (0 to 70°C) (0 to 70°C) (0 to 70°C) (0 to 70°C) (0 to 70°C) (0 to 70°C) (-20 to 70°C) (-20 to 70°C) (-20 to 70°C) (-20 to 70°C) (-20 to 70°C) (-40 to 85°C) (-40 to 85°C) (-40 to 85°C) (-40 to 85°C) ±10 ppm ±15 ppm ±20 ppm ±25 ppm ±50 ppm ±100 ppm ±10 ppm ±20 ppm ±25 ppm ±50 ppm ±100 ppm ±20 ppm ±25 ppm ±50 ppm ±100 ppm M N O P R S A E B C D H J K L Frequency Stability over Temp Range Load Capacitance S= 14= 16= 18= 20= 22= 25= 32= Series 14 pF 16 pF 18 pF 20 pF 22 pF 25 pF 32 pF 0.276±0.006 (7.0±0.15) 0.197±0.006 (5.0±0.15) CRYSTEK FREQ./DC 0.039 (1.0) 0.055 (1.4) #1 #3 #2 #4 Bottom View 0.100±0.005 (2.54±0.13) PIN Signal 1 2 3 4 Crystal GND Crystal GND 0.228 (5.8) 0.100 (2.54) 0.055 (1.4) 0.086 (2.2) 0.051 (1.3) (1) (3) (2) (4) Top View 8.0 - 20.0 (F) 20.1 - 49.0 (F) Resistance at series resonance Freq. (MHz) Max ESR 50 40 Table 1 Designed to meet the precision and space requirements needed for wireless applications. Quartz Crystal Le ad Fre e Ro HS Co mp lian t RECOMMENDED REFLOW SOLDERING PROFILE 217°C 200°C 260°C 150°C 90 Secs. Max. Ramp-Up 3°C/Sec Max. Preheat 180 Secs. Max. 8 Minutes Max. 260°C for 10 Secs. Max. Critical Temperature Zone Ramp-Down 6°C/Sec. NOTE: Reflow Profile with 240°C peak also acceptable. |
Número de pieza similar - CSX1-AS-16-45.00 |
|
Descripción similar - CSX1-AS-16-45.00 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |