Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSX2-AE-22-19.680 Datasheet(PDF) 1 Page - Crystek Corporation

No. de pieza CSX2-AE-22-19.680
Descripción Electrónicos  Quartz Crystal 11.6X5.5 mm Ceramic SMD Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRYSTEKCRYSTAL [Crystek Corporation]
Página de inicio  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CSX2-AE-22-19.680 Datasheet(HTML) 1 Page - Crystek Corporation

  CSX2-AE-22-19.680 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-060801 Rev. C
Specifications subject to change without notice.
11.6X5.5 mm Ceramic SMD Crystal
CSX4 Model
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Build Your Own P/N
CSX4-XX-XX-Freq
Example:
CSX4-AB-18-19.680 = ±30ppm at 25°C, ±50ppm -10 to 60°C, Fundamental, 18pF Load Cap, 19.680MHz
Frequency Tolerance
at 25°C
A ±30 ppm
B ±50 ppm
(-10 to 60°C)
(-10 to 60°C)
(-10 to 60°C)
(-20 to 70°C)
(-20 to 70°C)
(-40 to 85°C)
±30 ppm
±50 ppm
±100 ppm
±50 ppm
±100 ppm
±100 ppm
A
B
C
D
E
G
Frequency Stability
over Temp Range
<6MHz Only
<8MHz Only
Load
Capacitance
S=
10=
14=
16=
18=
20=
22=
25=
32=
Series
10pF
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
Quartz Crystal
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.
0.357±0.008
(11.6±0.20)
0.126±0.02
0
(5.5±0.50)
CRYSTEK
4.096M
DC
0.079
(2.0)
0.200
(5.08)
0.079
(2.0)
0.098
(2.50)
0.079
(2.0)
0.150
(3.80)
0.094
(2.4)
0.094
(2.4)
0.200
(5.08)
0.090
(2.3)
0.090
(2.3)
0.098
(2.5)
Suggested Pad Layout
Environmental:
Gross Leak Test:
Fine Leak Test:
Thermal Shock:
Moisture Resistance:
MIL-STD-883, Method 1014.10, Condition C
MIL-STD-883, Method 1014.10, Condition A2
MIL-STD-883, Method 1011.9, Condition A
MIL-STD-883, Method 1004.7
Shock:
Solderability:
Vibration:
Solvent Resistance:
Resistance to Soldering
Heat:
Mechanical:
±5ppm max after 3 drops from 75cm onto hard wood board
MIL-STD-883, Method 2003.7
±5ppm max sine vibration 10-55Hz, sweep period 1-2 minutes, amplitude 1.5mm,
3 mutually perpendicular planes each 1 hour
MIL-STD-202, Method 215
MIL-STD-202, Method 210, Condition I or J
3.5MHz to 30MHz
±30ppm to ±100ppm
±30ppm to ±100ppm
-40°C to 85°C
-45°C to 125°C
7.0pF Max
100uW Typical, 300uW Max
±5ppm Max 1st/yr
3.5~4.0MHz= 200 Ohms Max
4.1~6.0MHz= 150 Ohms Max
6.1~10.0MHz= 100 Ohms Max
10.1~14.0MHz= 80 Ohms Max
14.1~30.0MHz= 50 Ohms Max
2K Tape and Reel
Frequency Range:
Calibration Tolerance:
Frequency Stability:
Temperature Range:
Storage:
Shunt Capacitance:
Drive Level:
Aging:
ESR:
Packaging:


Número de pieza similar - CSX2-AE-22-19.680

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crystek Corporation
CSX2-AE-22-19.680 CRYSTEKCRYSTAL-CSX2-AE-22-19.680 Datasheet
120Kb / 1P
   Quartz Crystal 3.2X5 mm Ultra Miniature SMD Crystal
More results

Descripción similar - CSX2-AE-22-19.680

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CSX4-AA-S ETC2-CSX4-AA-S Datasheet
136Kb / 1P
   11.6X5.5 mm Ceramic SMD Crystal
logo
Crystek Corporation
CSX3 CRYSTEKCRYSTAL-CSX3 Datasheet
120Kb / 1P
   Quartz Crystal 3.2X5 mm Ultra Miniature SMD Crystal
CSX2 CRYSTEKCRYSTAL-CSX2 Datasheet
120Kb / 1P
   Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
CSX1 CRYSTEKCRYSTAL-CSX1 Datasheet
119Kb / 1P
   Quartz Crystal 5X7 mm Low Profile SMD Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com