Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG526AKNZ Datasheet(PDF) 8 Page - Analog Devices |
|
ADG526AKNZ Datasheet(HTML) 8 Page - Analog Devices |
8 / 20 page ADG526A/ADG527A Rev. C | Page 8 of 20 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS VDD 1 NC 2 RS 3 S16 4 D 28 VSS 27 S8 26 S7 25 S15 5 S6 24 S14 6 S5 23 S13 7 S4 22 S12 8 S3 21 S11 9 S2 20 S10 10 S1 19 S9 11 EN 18 GND 12 A0 17 WR 13 A1 16 A3 14 A2 15 NC = NO CONNECT ADG526A TOP VIEW (Not to Scale) Figure 3. ADG526A PDIP, SOIC, and CERDIP Pin Configuration 128 27 26 2 3 4 5 6 7 8 9 10 11 25 24 23 22 21 20 19 NC = NO CONNECT S15 S14 S13 S12 S11 S10 S09 S7 S6 S5 S4 S3 S2 S1 PIN 1 IDENTFIER 12 13 14 15 16 17 18 ADG526A TOP VIEW (Not to Scale) Figure 4. ADG526A PLCC Pin Configuration Table 4. ADG526A Pin Function Descriptions Pin No. Mnemonic Description 1 VDD Most Positive Power Supply Potential. 2 NC No Connect. 3 RS Reset. The RS signal clears both the address and enable data in the latches resulting in no output (all switches off ). 4 S16 Source Terminal. This pin can be an input or output. 5 S15 Source Terminal. This pin can be an input or output. 6 S14 Source Terminal. This pin can be an input or output. 7 S13 Source Terminal. This pin can be an input or output. 8 S12 Source Terminal. This pin can be an input or output. 9 S11 Source Terminal. This pin can be an input or output. 10 S10 Source Terminal. This pin can be an input or output. 11 S9 Source Terminal. This pin can be an input or output. 12 GND Ground (0 V) Reference. 13 WR Write. The WR signal latches the state of the address control lines and the enable line. 14 A3 Logic Control Inputs. Selects which source terminal is connected to the drain (D). 15 A2 Logic Control Inputs. Selects which source terminal is connected to the drain (D). 16 A1 Logic Control Inputs. Selects which source terminal is connected to the drain (D). 17 A0 Logic control inputs. Selects which source terminal is connected to the drain (D). 18 EN Enable. Active high logic control input. 19 S1 Source Terminal. This pin can be an input or output. 20 S2 Source Terminal. This pin can be an input or output. 21 S3 Source Terminal. This pin can be an input or output. 22 S4 Source Terminal. This pin can be an input or output. 23 S5 Source Terminal. This pin can be an input or output. 24 S6 Source Terminal. This pin can be an input or output. 25 S7 Source Terminal. This pin can be an input or output. 26 S8 Source Terminal. This pin can be an input or output. 27 VSS Most Negative Power Supply Potential. 28 D Drain Terminal. This pin can be an input or output. |
Número de pieza similar - ADG526AKNZ |
|
Descripción similar - ADG526AKNZ |