Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM26C31CDRG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
AM26C31CDRG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 20 page ABSOLUTE MAXIMUM RATINGS (1) RECOMMENDED OPERATING CONDITIONS AM26C31 SLLS103M – DECEMBER 1990 – REVISED JUNE 2008................................................................................................................................................... www.ti.com over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range(2) –0.5 7 V VI Input voltage range –0.5 VCC + 0.5 V VID Differential input voltage range –14 14 V VO Output voltage range –0.5 7 IIK Input or output clamp current ±20 mA IOK IO Output current ±150 mA VCC current 200 mA GND current –200 mA D package 73 DB package 82 θ JA Package thermal impedance(3)(4) N package 67 °C/W NS package 64 PW package 108 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to the network ground terminal. (3) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (4) The package thermal impedance is calculated in accordance with JESD 51-7. MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VID Differential input voltage ±7 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V IOH High-level output current –20 µA IOL Low-level output current 20 mA AM26C31C 0 70 AM26C31I –40 85 TA Operating free-air temperature °C AM26C31Q –40 125 AM26C31M –55 125 4 Submit Documentation Feedback Copyright © 1990–2008, Texas Instruments Incorporated Product Folder Link(s): AM26C31 |
Número de pieza similar - AM26C31CDRG4 |
|
Descripción similar - AM26C31CDRG4 |