Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM26C31IPWG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
AM26C31IPWG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 20 page ELECTRICAL CHARACTERISTICS SWITCHING CHARACTERISTICS AM26C31 SLLS103M – DECEMBER 1990 – REVISED JUNE 2008................................................................................................................................................... www.ti.com over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) AM26C31Q AM26C31M PARAMETER TEST CONDITIONS UNIT MIN TYP(1) MAX VOH High-level output voltage IO = –20 mA 2.2 3.4 V VOL Low-level output voltage IO = 20 mA 0.2 0.4 V VOD Differential output voltage magnitude RL = 100 Ω, See Figure 1 2 3.1 V Δ|VOD| Change in magnitude of differential output voltage(2) RL = 100 Ω, See Figure 1 ±0.4 V VOC Common-mode output voltage RL = 100 Ω, See Figure 1 3 V Δ|VOC| Change in magnitude of common-mode output voltage(2) RL = 100 Ω, See Figure 1 ±0.4 V II Input current VI = VCC or GND ±1 µA VO = 6 V 100 IO(off) Driver output current with power off VCC = 0 µA VO = –0.25 V –100 IOS Driver output short-circuit current VO = 0 –170 mA VO = 2.5 V 20 IOZ High-impedance off-state output current µA VO = 0.5 V –20 VI = 0 or 5 V 100 µA ICC Quiescent supply current IO = 0 VI = 2.4 V or 0.5 3.2 mA V(3) Ci Input capacitance 6 pF (1) All typical values are at VCC = 5 V and TA = 25°C. (2) Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low level. (3) This parameter is measured per input. All other inputs are at 0 or 5 V. over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) AM26C31Q AM26C31M PARAMETER TEST CONDITIONS UNIT MIN TYP(1) MAX tPLH Propagation delay time, low-to-high-level output 7 12 S1 is open, See Figure 2 ns tPHL Propagation delay time, high-to-low-level output 6.5 12 tsk(p) Pulse skew time (|tPLH – tPHL|) S1 is open, See Figure 2 0.5 4 ns tr(OD), tf(OD) Differential output rise and fall times S1 is open, See Figure 3 5 12 ns tPZH Output enable time to high level 10 19 S1 is closed, See Figure 4 ns tPZL Output enable time to low level 10 19 tPHZ Output disable time from high level 7 16 S1 is closed, See Figure 4 ns tPLZ Output disable time from low level 7 16 Cpd Power dissipation capacitance (each driver)(2) S1 is open, See Figure 2 100 pF (1) All typical values are at VCC = 5 V and TA = 25°C. (2) Cpd is used to estimate the switching losses according to PD = Cpd × VCC 2 × f, where f is the switching frequency. 6 Submit Documentation Feedback Copyright © 1990–2008, Texas Instruments Incorporated Product Folder Link(s): AM26C31 |
Número de pieza similar - AM26C31IPWG4 |
|
Descripción similar - AM26C31IPWG4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |