Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPME106M006K0012 Datasheet(PDF) 3 Page - AVX Corporation

No. de pieza TPME106M006K0012
Descripción Electrónicos  Tantalum Ultra Low ESR Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

TPME106M006K0012 Datasheet(HTML) 3 Page - AVX Corporation

  TPME106M006K0012 Datasheet HTML 1Page - AVX Corporation TPME106M006K0012 Datasheet HTML 2Page - AVX Corporation TPME106M006K0012 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
37
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz,
0.5V RMS with maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Standard Plating – Insert R for 7" reel and S for 13" reel
# Gold Plating
– Insert A for 7" reel and B for 13" reel
# Tin Lead
– Insert H for 7" reel and K for 13" reel
NOTE: AVX reserves the right to supply a higher voltage rating or
tighter tolerance part in the same case size, to the same
reliability standards.
TPM MULTIANODE CONSTRUCTION
TPM Multianode
Tantalum Ultra Low ESR Capacitor
Rated
DCL
DF
ESR
100kHz Ripple Current Ratings (A)
100kHz Ripple Voltage Ratings (V)
AVX
Case Capacitance Voltage
(µA)
%
Max. (mΩ)
Part No.
Size
(µF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 85°C (1.7 Volt @ 125°C)
TPMD108*002#0025
D
1000
2.5
25
8
25
3.194
2.874
1.277
0.080
0.072
0.032
TPME158*002#0012
E
1500
2.5
38
6
12
4.743
4.269
1.897
0.057
0.051
0.023
TPME158*002#0015
E
1500
2.5
38
6
15
4.243
3.818
1.697
0.064
0.057
0.025
TPME158*002#0018
E
1500
2.5
38
6
18
3.873
3.486
1.549
0.070
0.063
0.028
TPME228M002#0018
E
2200
2.5
44
10
18
3.873
3.486
1.549
0.070
0.063
0.028
4 Volt @ 85°C (2.7 Volt @ 125°C)
TPMD337*004#0025
D
330
4
13.2
8
25
3.194
2.874
1.277
0.080
0.072
0.032
TPMD337*004#0035
D
330
4
13.2
8
35
2.699
2.429
1.080
0.094
0.085
0.038
TPMD477*004#0025
D
470
4
18.8
8
25
3.194
2.874
1.277
0.080
0.072
0.032
TPMD477*004#0035
D
470
4
18.8
8
35
2.699
2.429
1.080
0.094
0.085
0.038
TPMD687*004#0025
D
680
4
27.2
8
25
3.194
2.874
1.277
0.080
0.072
0.032
TPME687*004#0018
E
680
4
27
6
18
3.873
3.486
1.549
0.070
0.063
0.028
TPME687*004#0023
E
680
4
27
6
23
3.426
3.084
1.370
0.079
0.071
0.032
TPME108*004#0018
E
1000
4
40
6
18
3.873
3.486
1.549
0.070
0.063
0.028
TPME108*004#0023
E
1000
4
40
6
23
3.426
3.084
1.370
0.079
0.071
0.032
TPMV108*004#0018
V
1000
4
40
6
18
3.979
3.581
1.592
0.072
0.064
0.029
TPME158*004#0015
E
1500
4
40
6
15
4.243
3.818
1.697
0.064
0.057
0.025
TPME158*004#0018
E
1500
4
40
6
18
3.873
3.486
1.549
0.070
0.063
0.028
6.3 Volt @ 85°C (4 Volt @ 125°C)
TPM337*006#0025
D
330
6.3
19.8
8
25
3.194
2.874
1.277
0.080
0.072
0.032
TPM337*006#0035
D
330
6.3
19.8
8
35
2.699
2.429
1.080
0.094
0.085
0.038
TPM477*006#0030
D
470
6.3
28.2
8
30
2.915
2.624
1.166
0.087
0.079
0.035
TPME477*006#0018
E
470
6.3
28
6
18
3.873
3.486
1.549
0.070
0.063
0.028
TPME477*006#0023
E
470
6.3
28
6
23
3.426
3.084
1.370
0.079
0.071
0.032
TPME477*006#0030
E
470
6.3
28
6
30
3.000
2.700
1.200
0.090
0.081
0.036
TPME687*006#0018
E
680
6.3
41
6
18
3.873
3.486
1.549
0.070
0.063
0.028
TPME687*006#0023
E
680
6.3
41
6
23
3.426
3.084
1.370
0.079
0.071
0.032
TPMV687*006#0023
V
680
6.3
41
6
23
3.520
3.168
1.408
0.081
0.073
0.032
10 Volt @ 85°C (7 Volt @ 125°C)
TPMD227*010#0035
D
220
10
22
8
35
2.699
2.429
1.080
0.094
0.085
0.038
TPMD337*010#0035
D
330
10
33
8
35
2.699
2.429
1.080
0.094
0.085
0.038
TPME337*010#0023
E
330
10
33
6
23
3.426
3.084
1.370
0.079
0.071
0.032
TPME337*010#0035
E
330
10
33
6
35
2.777
2.500
1.111
0.097
0.087
0.039
TPME477M010#0023
E
470
10
47
6
23
3.426
3.084
1.370
0.079
0.071
0.032
TPME477M010#0030
E
470
10
47
6
30
3.000
2.700
1.200
0.090
0.081
0.036
16 Volt @ 85°C (10 Volt @ 125°C)
TPME157*016#0030
E
150
16
24
6
30
3.000
2.700
1.200
0.090
0.081
0.036
TPME157*016#0040
E
150
16
24
6
40
2.598
2.338
1.039
0.104
0.094
0.042
TPME227*016#0025
E
220
16
35
6
25
3.286
2.958
1.315
0.082
0.074
0.033
TPME227*016#0040
E
220
16
35
6
40
2.598
2.338
1.039
0.104
0.094
0.042
20 Volt @ 85°C (13 Volt @ 125°C)
TPME107*020#0035
E
100
20
20
6
35
2.777
2.500
1.111
0.097
0.087
0.039
TPME107*020#0045
E
100
20
20
6
45
2.449
2.205
0.980
0.110
0.099
0.044
25 Volt @ 85°C (17 Volt @ 125°C)
TPME686*025#0045
E
68
25
17
6
45
2.449
2.205
0.980
0.110
0.099
0.044
TPME686*025#0055
E
68
25
17
6
55
2.216
1.994
0.886
0.122
0.110
0.049
35 Volt @ 85°C (23 Volt @ 125°C)
TPME226*335#0060
E
22
35
8
6
60
2.121
1.909
0.849
0.127
0.115
0.051
TPME226*035#0100
E
22
35
8
6
100
1.643
1.479
0.657
0.164
0.148
0.066
TPME336*035#0050
E
33
35
12
6
50
2.324
2.091
0.930
0.116
0.105
0.046
TPME336*035#0065
E
33
35
12
6
65
2.038
1.834
0.815
0.132
0.119
0.053
TPME476*035#0055
E
47
35
16
6
55
2.216
1.994
0.886
0.122
0.110
0.049
TPME476*035#0065
E
47
35
16
6
65
2.038
1.834
0.815
0.132
0.119
0.053
50 Volt @ 85°C (33 Volt @ 125°C)
TPME106*050#0120
E
10
50
5
6
120
1.500
1.350
0.600
0.180
0.162
0.072
TPME156*050#0075
E
15
50
7.5
6
75
1.897
1.708
0.759
0.142
0.128
0.057
TPME156*050#0100
E
15
50
7.5
6
100
1.643
1.479
0.657
0.164
0.148
0.066
TPME226*050#0075
E
22
50
11
8
75
1.897
1.708
0.759
0.142
0.128
0.057
TPME226*050#0100
E
22
50
11
8
100
1.643
1.479
0.657
0.164
0.148
0.066


Número de pieza similar - TPME106M006K0012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
TPME1080040018 AVX-TPME1080040018 Datasheet
101Kb / 3P
   TPM Multianode Tantalum Ultra Low ESR Capacitor
TPME1080040023 AVX-TPME1080040023 Datasheet
101Kb / 3P
   TPM Multianode Tantalum Ultra Low ESR Capacitor
TPME108K002H0018 AVX-TPME108K002H0018 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K002K0018 AVX-TPME108K002K0018 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K002R0018 AVX-TPME108K002R0018 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results

Descripción similar - TPME106M006K0012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME477K006R0023 AVX-TPME477K006R0023 Datasheet
101Kb / 3P
   TPM Multianode Tantalum Ultra Low ESR Capacitor
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
Vishay Siliconix
597D VISHAY-597D Datasheet
449Kb / 2P
   Tantamount짰 Multi-Anode, Surface-Mount,Ultra-Low-ESR, Conformal-Coated Tantalum Chip Capacitor
Revision: 04-Aug-04
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com